Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27L1000-90 Datasheet(PDF) 2 Page - Macronix International

Part # 27L1000-90
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27L1000-90 Datasheet(HTML) 2 Page - Macronix International

  27L1000-90 Datasheet HTML 1Page - Macronix International 27L1000-90 Datasheet HTML 2Page - Macronix International 27L1000-90 Datasheet HTML 3Page - Macronix International 27L1000-90 Datasheet HTML 4Page - Macronix International 27L1000-90 Datasheet HTML 5Page - Macronix International 27L1000-90 Datasheet HTML 6Page - Macronix International 27L1000-90 Datasheet HTML 7Page - Macronix International 27L1000-90 Datasheet HTML 8Page - Macronix International 27L1000-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
MX27L1000
P/N: PM0238
REV. 3.8 , AUG. 26, 2003
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and device type. This mode is intended for use by
programming equipment for the purpose of automatically
matching the device to be programmed with its
corresponding programming algorithm. This mode is
functional in the 25°C ± 5°C ambient temperature range
that is required when programming the MX27L1000.
To activate this mode, the programming equipment must
force 12.0 ± 0.5 V on address line A9 of the device.
Two identifier bytes may then be sequenced from the
device outputs by toggling address line A0 from VIL to
VIH. All other address lines must be held at VIL during
auto identify mode.
Byte 0 ( A0 = VIL) represents the manufacturer code,
and byte 1 (A0 = VIH), the device identifier code. For
the MX27L1000, these two identifier bytes are given
in the Mode Select Table. All identifiers for manufacturer
and device codes will possess odd parity, with the MSB
(Q7) defined as the parity bit.
READ MODE
The MX27L1000 has two control functions, both of which
must be logically satisfied in order to obtain data at the
outputs. Chip Enable (CE) is the power control and
should be used for device selection. Output Enable (OE)
is the output control and should be used to gate data
to the output pins, independent of device selection.
Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE).
Data is available at the outputs tQE after the falling edge
of OE, assuming that CE has been LOW and addresses
have been stable for at least tACC - tOE.
STANDBY MODE
The MX27L1000 has a CMOS standby mode which
reduces the maximum VCC current to 10 uA. It is placed
in CMOS standby when CE is at VCC ± 0.3 V. The
MX27L1000 also has a TTL-standby mode which
reduces the maximum VCC current to 0.25mA. It is
placed in TTL-standby when CE is at VIH. When in
standby mode, the outputs are in a high-impedance
state, independent of the OE input.
FUNCTIONAL
DESCRIPTION
THE PROGRAMMING OF THE MX27L1000
When the MX27L1000 is delivered, or it is erased,
the chip has all 1M bits in the "ONE" or HIGH state.
"ZERO" are loaded into the MX27L1000 through the
procedure of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
VCC must be applied simultaneously or before VPP, and
removed simultaneously or after VPP.
When
programming an MXIC EPROM, a 0.1uF capacitor is
required across VPP and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage VPP = 12.75V is applied, with
VCC = 6.25 V and PGM = VIL(or OE = VIH) (Algorithm
is shown in Figure 1). The programming is achieved
by applying a single TTL low level 100us pulse to the
PGM input after addresses and data line are stable. If
the data is not verified, an additional pulse is applied
for a maximum of 25 pulses. This process is repeated
while sequencing through each address of the device.
When the programming mode is completed, the data in
all address is verified at VCC = VPP = 5V ± 10%.
PROGRAM INHIBIT MODE
Programming of multiple MX27L1000s in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27L1000 may be common. A
TTL low-level program pulse applied to an MX27L1000
CE input with VPP = 12.5 ± 0.5 V and PGM LOW will
program that MX27L1000. A high-level CE input inhibits
the other MX27L1000s from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed bits
to determine that they were correctly programmed. The
verification should be performed with OE and CE at VIL,
PGM at VIH, and VPP at its programming voltage.


Similar Part No. - 27L1000-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L2000-12 MCNIX-27L2000-12 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-12 MCNIX-27L2000-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-20 MCNIX-27L2000-20 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - 27L1000-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com