Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW75N65H5 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IGW75N65H5
Description  650V IGBT high speed series fifth generation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW75N65H5 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IGW75N65H5 Datasheet HTML 5Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 6Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 7Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 8Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 9Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 10Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 11Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 12Page - Infineon Technologies AG IGW75N65H5 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
IGW75N65H5
Highspeedseriesfifthgeneration
Rev.2.1,2015-05-20
Figure 9.
Typicalswitchingtimesasafunctionofgate
resistance
(inductiveload,Tvj=150°C,VCE=400V,
VGE=0/15V,IC=75A,dynamictestcircuitin
Figure E)
RG,GATERESISTANCE[
Ω]
5
15
25
35
45
55
65
75
85
10
100
1000
td(off)
tf
td(on)
tr
Figure 10.
Typicalswitchingtimesasafunctionof
junctiontemperature
(inductiveload,VCE=400V,VGE=0/15V,
IC=75A,RG(on)=8
Ω,RG(off)=8Ω,dynamictest
circuit in Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
1
10
100
1000
td(off)
tf
td(on)
tr
Figure 11.
Gate-emitterthresholdvoltageasafunction
ofjunctiontemperature
(IC=0.75mA)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
typ.
min.
max.
Figure 12.
Typicalswitchingenergylossesasa
functionofcollectorcurrent
(inductiveload,Tvj=150°C,VCE=400V,
VGE=0/15V,RG(on)=8
Ω,RG(off)=8Ω,dynamic
test circuit in Figure E)
IC,COLLECTORCURRENT[A]
0
25
50
75
100 125 150 175 200 225
0
2
4
6
8
10
12
14
16
18
20
Eoff
Eon
Ets


Similar Part No. - IGW75N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW75N60H3 INFINEON-IGW75N60H3 Datasheet
1Mb / 14P
   High speed switching series third generation
2011-12-13 revision:1.2
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
   Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW75N60T INFINEON-IGW75N60T Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
IGW75N60T INFINEON-IGW75N60T Datasheet
546Kb / 12P
   Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results

Similar Description - IGW75N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGZ75N65H5 INFINEON-IGZ75N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGZ50N65H5 INFINEON-IGZ50N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGZ100N65H5 INFINEON-IGZ100N65H5 Datasheet
1Mb / 13P
   650V IGBT high speed series fifth generation
Rev.2.1,2014-10-31
IGP30N65F5 INFINEON-IGP30N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP30N65H5 INFINEON-IGP30N65H5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.2,2014-12-04
IGP20N65H5 INFINEON-IGP20N65H5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
IGP40N65F5 INFINEON-IGP40N65F5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGW50N65F5 INFINEON-IGW50N65F5 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-04
IGW50N65H5 INFINEON-IGW50N65H5_15 Datasheet
1Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-05-05
IGP20N65F5 INFINEON-IGP20N65F5 Datasheet
2Mb / 14P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2014-06-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com