Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L2267S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX3L2267S
Description  Low-ohmic dual single-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L2267S Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX3L2267S_15 Datasheet HTML 2Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 3Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 4Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 5Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 6Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 7Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 8Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 9Page - NXP Semiconductors NX3L2267S_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NX3L2267S
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
6 of 20
NXP Semiconductors
NX3L2267S
Low-ohmic dual single-pole double-throw analog switch
11.1 Test circuits
11.2 ON resistance
VI =0.3V orVCC  0.3 V; VO =VCC  0.3 V or 0.3 V.
Fig 3.
Test circuit for measuring ON-state leakage current
IS
012aaa001
nS
nZ
nY0
nY1
VCC
GND
switch
switch
1
1
2
2
VIL
VIH
nS
VO
VIL or VIH
VI
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 5 to Figure 11.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak)
port nYn;
VI =GND to VCC;
ISW = 100 mA;
see Figure 4
VCC = 1.4 V
-
1.65
3.7
-
4.1
VCC = 1.65 V
-
0.95
1.6
-
1.7
VCC = 2.3 V
-
0.55
0.8
-
0.9
VCC = 2.7 V
-
0.50
0.75
-
0.9
VCC = 4.3 V
-
0.50
0.75
-
0.9
R
ON
ON resistance mismatch
between channels
VI =GND to VCC;
ISW = 100 mA
[2]
VCC = 1.4 V
-
0.20
0.35
-
0.35
VCC = 1.65 V
-
0.20
0.25
-
0.30
VCC = 2.3 V
-
0.09
0.13
-
0.15
VCC = 2.7 V
-
0.09
0.125
-
0.15
VCC = 4.3 V
-
0.09
0.125
-
0.15


Similar Part No. - NX3L2267S_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267SGU NXP-NX3L2267SGU Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
More results

Similar Description - NX3L2267S_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
   Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267 NXP-NX3L2267 Datasheet
189Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 4-8 November 2011
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com