Part Name
         Description
MX9691A

 SINGLE CHIP SOLID STATE DISK CONTROLLER ( 36 Page)


MCNIX
100% 
Zoom Out Zoom In
 6 page
background image
6
MX9691A
P/N:PM0539
REV. 1.0, OCT. 02, 1998
Symbol
No.
Type
Description
HOLD#
16
I/O
In normal mode, this signal is input that is used as holding DSP clock
down and release bus. Bus hold will be internally asserted also when
upgrade mode enable. In ICE debugging mode, this signal is output
and asserted when upgrade mode enable. In ICE debugging mode,
this signal is output and asserted when upgrade mode enable. This
pin includes an pull-up resistor.
HLDA#
73
I/O
In normal mode, this signal is output that is used as ack to HOLD#
signal. This signal will be internally sent to PCMCIA/ATA interface also
when upgrade mode enable. In ICE debugging mode, this signal is
input and ack to HOLD# when upgrade mode enable. This pin in
cludes an pull-up resistor.
XF#/CPURST# 74
O
External flag, this pin can be directly written by one DSP instruction.
Default inactive (logic high). In ICE debugging mode, this signal is
used to reset CPU.
Flash Memory Interface :
Symbol
No.
Type
Description
FA19/CLE
12
O
In random mode, this signal is used as flash memory chip high
address line 19. In sequential mode, this signal is used as flash memory
chip command latch enable.
FA18/ALE/
20
I/O
In random mode, this signal is used as flash memory chip high
address line 18. In sequential mode, this signal is used as flash memory
chip address latch enable. This signal is used to select whether the
MX9691A initializes in normal mode or in ICE debugging mode at power-
on reset. If this pin go high, then the MX9691A will switch to normal
mode at power-on reset,and if this pin remains low, then the MX9691 A
will initializes in ICE debugging mode. This pin includes an internal
pull-up resistor.
ICEMODE
ICE debugging mode select :
ICEMODE=1 —> Normal mode
ICEMODE=0 —> ICE debugging mode



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX9691LSINGLE CHIP SOLID STATE DISK CONTROLLER 1 2 3 4 5 MoreMacronix International
NJU31514-BIT SINGLE CHIP OTP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
ADMC331Single Chip DSP Motor Controller 1 2 3 4 5 MoreAnalog Devices
M37100M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
NJU31524-BIT SINGLE CHIP OTP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
LAN9118HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER 1 2 3 4 5 MoreSMSC Corporation
RTL8308BREALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M37102M8SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
RTL8100BREALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADM6995L5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl