Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C512-90 Datasheet(PDF) 1 Page - Macronix International

Part # 27C512-90
Description  512K-BIT [64Kx8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C512-90 Datasheet(HTML) 1 Page - Macronix International

  27C512-90 Datasheet HTML 1Page - Macronix International 27C512-90 Datasheet HTML 2Page - Macronix International 27C512-90 Datasheet HTML 3Page - Macronix International 27C512-90 Datasheet HTML 4Page - Macronix International 27C512-90 Datasheet HTML 5Page - Macronix International 27C512-90 Datasheet HTML 6Page - Macronix International 27C512-90 Datasheet HTML 7Page - Macronix International 27C512-90 Datasheet HTML 8Page - Macronix International 27C512-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Operating current: 30mA
Standby current: 100uA
Package type:
- 28 pin plastic DIP
- 32 pin PLCC
- 28 pin 8 x 13.4 mm TSOP(I)
1
PIN CONFIGURATIONS
PDIP
GENERAL DESCRIPTION
The MX27C512 is a 5V only, 512K-bit, One-Time
Programmable Read Only Memory. It is organized as
64K words by 8 bits per word, operates from a single
+5volt supply, has a static standby mode, and features
fast single address location programming. All program-
ming signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used. The MX27C512 supports
intelligent fast programming algorithm which can result
in programming time of less than fifteen seconds.
This EPROM is packaged in industry standard 28 pin
dual-in-line packages
32 lead PLCC, and 28 lead
TSOP(I) packages.
FEATURES
64K x 8 organization
Single +5V power supply
+12.5V programming voltage
Fast access time: 45/55/70/90/100/120/150ns
Totally static operation
Completely TTL compatible
P/N: PM0235
REV. 4.8, AUG. 26, 2003
BLOCK DIAGRAM
PIN DESCRIPTION
PLCC
8 x 13.4mm 28TSOP(I)
SYMBOL
PIN NAME
A0~A15
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE/VPP
Output Enable Input/Program Supply
Voltage
NC
No Internal Connection
VCC
Power Supply Pin (+5V)
GND
Ground Pin
MX27C512
512K-BIT [64Kx8] CMOS EPROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE
Q7
Q6
Q5
Q4
Q3
1
4
5
9
13
14
17
20
21
25
29
32
30
A8
A9
A11
NC
OE/VPP
A10
CE
Q7
Q6
A6
A5
A4
A3
A2
A1
A0
NC
Q0
MX27C512
OE/VPP
A11
A9
A8
A13
A14
VCC
A15
A12
A7
A6
A5
A4
A3
22
23
24
25
26
27
28
1
2
3
4
5
6
7
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
21
20
19
18
17
16
15
14
13
12
11
10
9
8
MX27C512
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q7
CE
OE/VPP
A0~A15
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
512K BIT
CELL
MAXTRIX
VCC
GND
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - 27C512-90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C512-120 STMICROELECTRONICS-27C512-120 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - 27C512-90

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512 Datasheet
153Kb / 11P
   CMOS 64Kx8-Bit SPI Serial OTP EPROM
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Macronix International
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
National Semiconductor ...
NM27P040 NSC-NM27P040 Datasheet
151Kb / 10P
   4,194,304-Bit (512K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C040 FAIRCHILD-NM27C040 Datasheet
111Kb / 11P
   4,194,304-Bit (512K x 8) High Performance CMOS EPROM
FM27C040 FAIRCHILD-FM27C040 Datasheet
106Kb / 11P
   4,194,304-Bit 512K x 8 High Performance CMOS EPROM
logo
Macronix International
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com