Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F004T-90 Datasheet(PDF) 3 Page - Macronix International

Part # 29F004T-90
Description  4M-BIT [512KX8] CMOS FLASH MEMORY
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F004T-90 Datasheet(HTML) 3 Page - Macronix International

  29F004T-90 Datasheet HTML 1Page - Macronix International 29F004T-90 Datasheet HTML 2Page - Macronix International 29F004T-90 Datasheet HTML 3Page - Macronix International 29F004T-90 Datasheet HTML 4Page - Macronix International 29F004T-90 Datasheet HTML 5Page - Macronix International 29F004T-90 Datasheet HTML 6Page - Macronix International 29F004T-90 Datasheet HTML 7Page - Macronix International 29F004T-90 Datasheet HTML 8Page - Macronix International 29F004T-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
3
MX29F004T/B
P/N:PM0554
REV. 1.9, OCT. 19, 2004
Sector Size
Address Range (in hexadecimal)
Sector
A18
A17
A16
A15
A14
A13
(Kbytes)
(x8) Address Range
SA0
000X
X
X
64
00000h-0FFFFh
SA1
001X
X
X
64
10000h-1FFFFh
SA2
010X
X
X
64
20000h-2FFFFh
SA3
011X
X
X
64
30000h-3FFFFh
SA4
100X
X
X
64
40000h-4FFFFh
SA5
101X
X
X
64
50000h-5FFFFh
SA6
110X
X
X
64
60000h-6FFFFh
SA7
1110
X
X
32
70000h-77FFFh
SA8
1111
00
8
78000h-79FFFh
SA9
1111
01
8
7A000h-7BFFFh
SA10
1111
1X
16
7C000h-7FFFFh
SECTOR STRUCTURE
MX29F004TTOP BOOT SECTOR ADDRESSTABLE
Sector Size
Address Range (in hexadecimal)
Sector
A18
A17
A16
A15
A14
A13
(Kbytes)
(x8) Address Range
SA0
0000
0X
16
00000h-03FFFh
SA1
0000
10
8
04000h-05FFFh
SA2
0000
11
8
06000h-07FFFh
SA3
0001
X
X
32
08000h-0FFFFh
SA4
001X
X
X
64
10000h-1FFFFh
SA5
010X
X
X
64
20000h-2FFFFh
SA6
011X
X
X
64
30000h-3FFFFh
SA7
100X
X
X
64
40000h-4FFFFh
SA8
101X
X
X
64
50000h-5FFFFh
SA9
110X
X
X
64
60000h-6FFFFh
SA10
111X
X
X
64
70000h-7FFFFh
MX29F004B BOTTOM BOOT SECTOR ADDRESSTABLE


Similar Part No. - 29F004T-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
29F001B-12 MCNIX-29F001B-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
29F001B-90 MCNIX-29F001B-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
29F001T-12 MCNIX-29F001T-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
29F001T-90 MCNIX-29F001T-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
STMicroelectronics
29F002 STMICROELECTRONICS-29F002 Datasheet
189Kb / 22P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - 29F004T-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV040 EMC-EM39LV040 Datasheet
275Kb / 21P
   4M (512Kx8) Bits Flash Memory
logo
Macronix International
MX29F400CT MCNIX-MX29F400CT Datasheet
442Kb / 42P
   4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY
logo
Samsung semiconductor
KM23C4100DT SAMSUNG-KM23C4100DT Datasheet
72Kb / 4P
   4M-Bit (512Kx8 /256Kx16) CMOS MASK ROM
logo
Sanyo Semicon Device
LE25FU406B SANYO-LE25FU406B Datasheet
146Kb / 22P
   CMOS IC 4M-bit (512K횞8) Serial Flash Memory
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com