Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ433EP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQJ433EP
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ433EP Datasheet(HTML) 2 Page - Vishay Siliconix

  SQJ433EP_15 Datasheet HTML 1Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 2Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 3Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 4Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 5Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 6Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 7Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 8Page - Vishay Siliconix SQJ433EP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SQJ433EP
www.vishay.com
Vishay Siliconix
S15-2147-Rev. A, 14-Sep-15
2
Document Number: 62917
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = -250 μA
-30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1.5
-2.0
-2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = -30 V
-
-
-1
μA
VGS = 0 V
VDS = -30 V, TJ = 125 °C
-
-
-50
VGS = 0 V
VDS = -30 V, TJ = 175 °C
-
-
-150
On-State Drain Currenta
ID(on)
VGS = -10 V
VDS
≤ −5 V
-30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -10 V
ID = -16 A
-
0.0064
0.0081
Ω
VGS = -4.5 V
ID = -12 A
-
0.0118
0.0170
VGS = -10 V
ID = -16 A, TJ = 125 °C
-
0.0085
-
VGS = -10 V
ID = -16 A, TJ = 175 °C
-
0.0100
-
Forward Transconductance b
gfs
VDS = -15 V, ID = -13.8 A
-
40
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = -15 V, f = 1 MHz
-
3683
4877
pF
Output Capacitance
Coss
-
775
1072
Reverse Transfer Capacitance
Crss
-
561
695
Total Gate Charge c
Qg
VGS = -10 V
VDS = -15 V, ID = -15 A
-72
108
nC
Gate-Source Charge c
Qgs
-12
-
Gate-Drain Charge c
Qgd
-20
-
Gate Resistance
Rg
f = 1 MHz
0.5
1.1
2
Ω
Turn-On Delay Time c
td(on)
VDD = -20 V, RL = 15
Ω
ID
≅ -1 A, VGEN = -10 V, Rg = 6 Ω
-17
26
ns
Rise Time c
tr
-21
31
Turn-Off Delay Time c
td(off)
-79
110
Fall Time c
tf
-49
69
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
-200
A
Forward Voltage
VSD
IF = -10 A, VGS = 0
-
-0.8
-1.2
V


Similar Part No. - SQJ433EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ433EP VISHAY-SQJ433EP_V01 Datasheet
221Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ433EP VISHAY-SQJ433EP_V02 Datasheet
220Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
More results

Similar Description - SQJ433EP_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com