Electronic Components Datasheet Search |
|
MX29LV040TI-90 Datasheet(PDF) 4 Page - Macronix International |
|
MX29LV040TI-90 Datasheet(HTML) 4 Page - Macronix International |
4 / 51 page 4 P/N:PM0722 MX29LV040 REV. 0.7, JUL. 12, 2001 AUTOMATIC PROGRAMMING The MX29LV040 is byte programmable using the Auto- matic Programming algorithm. The Automatic Program- ming algorithm makes the external system do not need to have time out sequence nor to verify the data pro- grammed. The typical chip programming time at room temperature of the MX29LV040 is less than 10 seconds. AUTOMATIC CHIP ERASE The entire chip is bulk erased using 10 ms erase pulses according to MXIC's Automatic Chip Erase algorithm. Typical erasure at room temperature is accomplished in less than 11 second. The Automatic Erase algorithm automatically programs the entire array prior to electri- cal erase. The timing and verification of electrical erase are controlled internally within the device. AUTOMATIC SECTOR ERASE The MX29LV040 is sector(s) erasable using MXIC's Auto Sector Erase algorithm. The Automatic Sector Erase algorithm automatically programs the specified sector(s) prior to electrical erase. The timing and verification of electrical erase are controlled internally within the de- vice. An erase operation can erase one sector, multiple sectors, or the entire device. AUTOMATIC PROGRAMMING ALGORITHM MXIC's Automatic Programming algorithm requires the user to only write program set-up commands (including 2 unlock write cycle and A0H) and a program command (program data and address). The device automatically times the programming pulse width, provides the pro- gram verification, and counts the number of sequences. The device provides an unlock bypass mode with faster programming. Only two write cycles are needed to pro- gram a word or byte, instead of four. A status bit similar to DATA polling and a status bit toggling between con- secutive read cycles, provide feedback to the user as to the status of the programming operation. Refer to write operation status-table6, for more information on these status bits. AUTOMATIC ERASE ALGORITHM MXIC's Automatic Erase algorithm requires the user to write commands to the command register using stan- dard microprocessor write timings. The device will auto- matically pre-program and verify the entire array. Then the device automatically times the erase pulse width, provides the erase verification, and counts the number of sequences. A status bit toggling between consecu- tive read cycles provides feedback to the user as to the status of the erasing operation. Register contents serve as inputs to an internal state- machine which controls the erase and programming cir- cuitry. During write cycles, the command register inter- nally latches address and data needed for the program- ming and erase operations. During a system write cycle, addresses are latched on the falling edge, and data are latched on the rising edge of WE or CE, whichever hap- pens first. MXIC's Flash technology combines years of EPROM experience to produce the highest levels of quality, reli- ability, and cost effectiveness. The MX29LV040 electri- cally erases all bits simultaneously using Fowler- Nordheim tunneling. The bytes are programmed by us- ing the EPROM programming mechanism of hot elec- tron injection. During a program cycle, the state-machine will control the program sequences and command register will not respond to any command set. During a Sector Erase cycle, the command register will only respond to Erase Suspend command. After Erase Suspend is completed, the device stays in read mode. After the state machine has completed its task, it will allow the command regis- ter to respond to its full command set. AUTOMATIC SELECT The automatic select mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on Q7~Q0. This mode is mainly adapted for programming equipment on the de- vice to be programmed with its programming algorithm. When programming by high voltage method, automatic select mode requires VID (11.5V to 12.5V) on address pin A9 and other address pin A6, A1, and A0 as referring to Table 2. In addition, to access the automatic select codes in-system, the host can issue the automatic se |
Similar Part No. - MX29LV040TI-90 |
|
Similar Description - MX29LV040TI-90 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |