Electronic Components Datasheet Search |
|
27C1000-70 Datasheet(PDF) 7 Page - Macronix International |
|
27C1000-70 Datasheet(HTML) 7 Page - Macronix International |
7 / 18 page 7 MX27C1000 REV. 6.0, AUG. 26, 2003 P/N: PM0234 SYMBOL PARAMETER MIN. MAX. UNIT CONDITIONS VOH Output High Voltage 2.4 V IOH = -0.4mA VOL Output Low Voltage 0.4 V IOL = 2.1mA VIH Input High Voltage 2.0 VCC + 0.5 V VIL Input Low Voltage -0.2 0.8 V ILI Input Leakage Current -10 10 uA VIN = 0 to 5.5V ILO Output Leakage Current -10 10 uA VOUT = 0 to 5.5V ICC3 VCC Power-Down Current 100 uA CE = VCC ± 0.3V ICC2 VCC Standby Current 1.5 mA CE = VIH ICC1 VCC Active Current 30 mA CE = VIL, f=5MHz, Iout = 0mA IPP VPP Supply Current Read 10 uA CE = VIL, VPP = 5.5V NOTICE: Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended period may affect reliability. NOTICE: Specifications contained within the following tables are sub- ject to change. DC CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS RATING VALUE Ambient Operating Temperature -40oC to 125oC Storage Temperature -65oC to 125oC Applied Input Voltage -0.5V to 7.0V Applied Output Voltage -0.5V to VCC + 0.5V VCC to Ground Potential -0.5V to 7.0V A9 & Vpp -0.5V to 13.5V DC/AC Operating Conditions for Read Operation MX27C1000 -45 -55 -70 -90 -10 -12 -15 Operating Commercial 0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C0°C to 70°C Temperature Industrial -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C -40°C to 85°C-40°C to 85°C Automotive -40°C to 125°C -40°C to 125°C -40°C to 125°C-40°C to 125°C Vcc Power Supply 5V ± 5% 5V ± 5% 5V ± 10% 5V ±10% 5V ± 10% 5V ± 10% 5V ± 10% CAPACITANCE TA = 25oC, f = 1.0 MHz (Sampled only) SYMBOL PARAMETER MIN. MAX. UNIT CONDITIONS CIN Input Capacitance 8 12 pF VIN = 0V COUT Output Capacitance 8 12 pF VOUT = 0V Vpp VPP Capacitance 18 25 pF VPP = 0V |
Similar Part No. - 27C1000-70 |
|
Similar Description - 27C1000-70 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |