Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F022BTC-12 Datasheet(PDF) 4 Page - Macronix International

Part # MX29F022BTC-12
Description  2M-BIT[256K x 8]CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F022BTC-12 Datasheet(HTML) 4 Page - Macronix International

  MX29F022BTC-12 Datasheet HTML 1Page - Macronix International MX29F022BTC-12 Datasheet HTML 2Page - Macronix International MX29F022BTC-12 Datasheet HTML 3Page - Macronix International MX29F022BTC-12 Datasheet HTML 4Page - Macronix International MX29F022BTC-12 Datasheet HTML 5Page - Macronix International MX29F022BTC-12 Datasheet HTML 6Page - Macronix International MX29F022BTC-12 Datasheet HTML 7Page - Macronix International MX29F022BTC-12 Datasheet HTML 8Page - Macronix International MX29F022BTC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
P/N:PM0556
REV. 1.3, NOV. 11, 2002
MX29F022/022NT/B
AUTOMATIC PROGRAMMING
The MX29F022T/B is byte programmable using the
Automatic Programming algorithm. The Automatic
Programming algorithm does not require the system to
time out or verify the data programmed. The typical chip
programming time of the MX29F022T/B at room tem-
perature is less than 2 seconds.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10ms erase pulses
according to MXIC's High Reliability Chip Erase
algorithm. Typical erasure at room temperature is
accomplished in less than two second. The device is
erased using the Automatic Erase algorithm. The
Automatic Erase algorithm automatically programs the
entire array prior to electrical erase. The timing and
verification of electrical erase are internally controlled
within the device.
AUTOMATIC SECTOR ERASE
The MX29F022T/B is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. Sector erase modes allow
sectors of the array to be erased in one erase cycle. The
Automatic Sector Erase algorithm automatically pro-
grams the specified sector(s) prior to electrical erase.
The timing and verification of electrical erase are inter-
nally controlled by the device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write a program set-up commands (include
2 unlock write cycle and A0H) include 2 unlock write
cycle and A0H and a program command (program data
and address). The device automatically times the pro-
gramming pulse width, verifies the program verification,
and counts the number of sequences. A status bit simi-
lar to DATA polling and a status bit toggling between con-
secutive read cycles, provides feedback to the user as
to the status of the programming operation.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stan-
dard microprocessor write timings. The device will au-
tomatically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
verifies the erase, and counts the number of sequences.
A status bit similar to DATA polling and status bit tog-
gling between consecutive read cycles provides feed-
back to the user as to the status of the programming
operation.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as inputs to an internal state-machine which
controls the erase and programming circuitry. During
write cycles, the command register internally latches
address and data needed for the programming and erase
operations. During a system write cycle addresses are
latched on the falling edge, and data are latched on the
rising edge of WE .
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, reli-
ability, and cost effectiveness. The MX29F022T/B elec-
trically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed one
byte at a time using the EPROM programming mecha-
nism of hot electron injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is completed,
the device stays in read mode. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.


Similar Part No. - MX29F022BTC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F022BTC-12 MCNIX-MX29F022BTC-12 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results

Similar Description - MX29F022BTC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com