Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27C256-45 Datasheet(PDF) 2 Page - Macronix International

Part # 27C256-45
Description  256K-BIT [32K x 8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27C256-45 Datasheet(HTML) 2 Page - Macronix International

  27C256-45 Datasheet HTML 1Page - Macronix International 27C256-45 Datasheet HTML 2Page - Macronix International 27C256-45 Datasheet HTML 3Page - Macronix International 27C256-45 Datasheet HTML 4Page - Macronix International 27C256-45 Datasheet HTML 5Page - Macronix International 27C256-45 Datasheet HTML 6Page - Macronix International 27C256-45 Datasheet HTML 7Page - Macronix International 27C256-45 Datasheet HTML 8Page - Macronix International 27C256-45 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
P/N:PM0203
REV.5.6, AUG. 26, 2003
MX27C256
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and device type. This mode is intended for use by
programming equipment for the purpose of
automatically matching the device to be programmed
with its corresponding programming algorithm. This
mode is functional in the 25°C ± 5°C ambient
temperature range that is required when programming
the MX27C256.
To activate this mode, the programming equipment
must force 12.0 ± 0.5 (VH) on address line A9 of the
device. Two identifier bytes may then be sequenced
from the device outputs by toggling address line A0 from
VIL to VIH. All other address lines must be held at VIL
during auto identify mode.
Byte 0 ( A0 = VIL) represents the manufacturer code,
and byte 1 (A0 = VIH), the device identifier code. For the
MX27C256, these two identifier bytes are given in the
Mode Select Table. All identifiers for manufacturer and
device codes will possess odd parity, with the MSB (Q7)
defined as the parity bit.
READ MODE
The MX27C256 has two control functions, both of which
must be logically satisfied in order to obtain data at the
outputs. Chip Enable (CE) is the power control and
should be used for device selection. Output Enable
(OE) is the output control and should be used to gate
data to the output pins, independent of device selection.
Assuming that addresses are stable, address access
time (tACC) is equal to the delay from CE to output (tCE).
Data is available at the outputs tOE after the falling edge
of OE, assuming that CE has been LOW and addresses
have been stable for at least tACC - tOE.
STANDBY MODE
The MX27C256 has a CMOS standby mode which
reduces the maximum Vcc current to 100 uA. It is
placed in CMOS standby when CE is at VCC ± 0.3 V.
The MX27C256 also has a TTL-standby mode which
reduces the maximum VCC current to 1.5 mA. It is
placed in TTL-standby when CE is at VIH. When in
standby mode, the outputs are in a high-impedance
state, independent of the OE input.
FUNCTIONAL DESCRIPTION
THE PROGRAMMING OF THE MX27C256
When the MX27C256 is delivered, or it is erased, the
chip has all 256K bits in the "ONE" or HIGH state.
"ZEROs" are loaded into the MX27C256 through the
procedure of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
VCC must be applied simultaneously or before VPP, and
removed simultaneously or after VPP.
When
programming an MXIC EPROM, a 0.1uF capacitor is
required across VPP and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage VPP = 12.75V is applied, with
VCC = 6.25 V and OE = VIH (Algorithm is shown in
Figure 1). The programming is achieved by applying a
single TTL low level 100us pulse to the CE input after
addresses and data line are stable. If the data is not
verified, an additional pulse is applied for a maximum of
25 pulses. This process is repeated while sequencing
through each address of the device.
When the
programming mode is completed, the data in all address
is verified at VCC = VPP = 5V ± 10%.
PROGRAM INHIBIT MODE
Programming of multiple MX27C256s in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27C256 may be common. A
TTL low-level program pulse applied to an MX27C256
CE input with VPP = 12.5 ± 0.5 V and OE HIGH will
program that MX27C256. A high-level CE input inhibits
the other MX27C256s from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed
bits to determine that they were correctly programmed.
The verification should be performed with CE and OE
at VIL, and VPP at its programming voltage.


Similar Part No. - 27C256-45

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256-10 MICROCHIP-27C256-10 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
27C256-10/L MICROCHIP-27C256-10/L Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-10/P MICROCHIP-27C256-10/P Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-10/SO MICROCHIP-27C256-10/SO Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256-10E/L MICROCHIP-27C256-10E/L Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
More results

Similar Description - 27C256-45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
   256K (32K x 8) CMOS EPROM
1996
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com