Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV800T Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV800T
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV800T Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV800T Datasheet HTML 5Page - Macronix International MX29LV800T Datasheet HTML 6Page - Macronix International MX29LV800T Datasheet HTML 7Page - Macronix International MX29LV800T Datasheet HTML 8Page - Macronix International MX29LV800T Datasheet HTML 9Page - Macronix International MX29LV800T Datasheet HTML 10Page - Macronix International MX29LV800T Datasheet HTML 11Page - Macronix International MX29LV800T Datasheet HTML 12Page - Macronix International MX29LV800T Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
9
P/N:PM0709
MX29LV800T/B
REV. 1.3, JAN. 24, 2002
ADDRESS
Q8~Q15
DESCRIPTION
CE
OE
WE
A18 A10 A9 A8
A6 A5 A1
A0
Q0~Q7
BYTE
BYTE
A12 A11
A7
A2
=VIH
=VIL
Read
L
L
H
AIN
Dout
Dout
=High Z
DQ15=A-1
Write
L
H
L
AIN
DIN(3)
DIN
Reset
X
X
X
X
High Z
High Z
High Z
Temproary sector unlock
X
X
X
AIN
DIN
DIN
High Z
Output Disable
L
H
H
X
High Z
High Z
High Z
Standby
Vcc ± 0.3V
X
X
X
High Z
High Z
High Z
Sector Protect
L
H
L
SA
X
X
X
L
X
H
L
DIN
X
X
Sector Unprotect
L
H
L
X
X
X
X
H
X
H
L
DIN
X
X
Sector Protection Verify
L
L
H
SA
X
VID
X
L
X
H
L
CODE(5)
X
X
TABLE 5. MX29LV800T/B BUS OPERATION
NOTES:
1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 4.
2. VID is the Silicon-ID-Read high voltage, 11.5V to 12.5V.
3. Refer to Table 4 for valid Data-In during a write operation.
4. X can be VIL or VIH.
5. Code=00H/XX00H means unprotected.
Code=01H/XX01H means protected.
6. A18~A12=Sector address for sector protect.
7.The sector protect and chip unprotect functions may also be implemented via programming equipment.
sequences. Note that the Erase Suspend (B0H) and
Erase Resume (30H) commands are valid only while the
Sector Erase operation is in progress.
COMMAND DEFINITIONS
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values or writing them
in the improper sequence will reset the device to the
read mode. Table 4 defines the valid register command


Similar Part No. - MX29LV800T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800BB MCNIX-MX29LV800BB Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BBMC-70 MCNIX-MX29LV800BBMC-70 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BBMC-90 MCNIX-MX29LV800BBMC-90 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BBMI-70 MCNIX-MX29LV800BBMI-70 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BBMI-90 MCNIX-MX29LV800BBMI-90 Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV800T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29SL800CT MCNIX-MX29SL800CT Datasheet
734Kb / 64P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F160C3T MCNIX-MX28F160C3T Datasheet
417Kb / 44P
   16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com