Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV040QC-70 Datasheet(PDF) 47 Page - Macronix International

Part # MX29LV040QC-70
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV040QC-70 Datasheet(HTML) 47 Page - Macronix International

Back Button MX29LV040QC-70 Datasheet HTML 43Page - Macronix International MX29LV040QC-70 Datasheet HTML 44Page - Macronix International MX29LV040QC-70 Datasheet HTML 45Page - Macronix International MX29LV040QC-70 Datasheet HTML 46Page - Macronix International MX29LV040QC-70 Datasheet HTML 47Page - Macronix International MX29LV040QC-70 Datasheet HTML 48Page - Macronix International MX29LV040QC-70 Datasheet HTML 49Page - Macronix International MX29LV040QC-70 Datasheet HTML 50Page - Macronix International MX29LV040QC-70 Datasheet HTML 51Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
47
P/N:PM0722
MX29LV040
REV. 0.7, JUL. 12, 2001
ORDERING INFORMATION
PLASTIC PACKAGE
PART NO.
ACCESS TIME
OPERATING CURRENT
STANDBY CURRENT
PACKAGE
(ns)
MAX.(mA)
MAX.(uA)
MX29LV040TC-55
55
30
5
32 Pin TSOP
MX29LV040TC-70
70
30
5
32 Pin TSOP
MX29LV040TC-90
90
30
5
32 Pin TSOP
MX29LV040QC-55
55
30
5
32 Pin PLCC
MX29LV040QC-70
70
30
5
32 Pin PLCC
MX29LV040QC-90
90
30
5
32 Pin PLCC
MX29LV040TI-70
70
30
5
32 Pin TSOP
MX29LV040TI-90
90
30
5
32 Pin TSOP
MX29LV040QI-70
70
30
5
32 Pin PLCC
MX29LV040QI-90
90
30
5
32 Pin PLCC


Similar Part No. - MX29LV040QC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040CQC-12 MCNIX-MX29LV040CQC-12 Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040CQC-12G MCNIX-MX29LV040CQC-12G Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040CQC-55Q MCNIX-MX29LV040CQC-55Q Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV040CQC-55R MCNIX-MX29LV040CQC-55R Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
More results

Similar Description - MX29LV040QC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com