Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F002BQC-70 Datasheet(PDF) 4 Page - Macronix International

Part # MX29F002BQC-70
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F002BQC-70 Datasheet(HTML) 4 Page - Macronix International

  MX29F002BQC-70 Datasheet HTML 1Page - Macronix International MX29F002BQC-70 Datasheet HTML 2Page - Macronix International MX29F002BQC-70 Datasheet HTML 3Page - Macronix International MX29F002BQC-70 Datasheet HTML 4Page - Macronix International MX29F002BQC-70 Datasheet HTML 5Page - Macronix International MX29F002BQC-70 Datasheet HTML 6Page - Macronix International MX29F002BQC-70 Datasheet HTML 7Page - Macronix International MX29F002BQC-70 Datasheet HTML 8Page - Macronix International MX29F002BQC-70 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
4
REV. 1.5, MAR. 28, 2005
P/N: PM0547
MX29F002/002N T/B
AUTOMATIC PROGRAMMING
The MX29F002T/B is byte programmable using the
Automatic Programming algorithm. The Automatic
Programming algorithm does not require the system to
time out or verify the data programmed. The typical chip
programmingtimeoftheMX29F002T/Batroomtemperature
is less than 3.5 seconds.
AUTOMATIC CHIP ERASE
Typical erasure at room temperature is accomplished in
less than 3 seconds. The device is erased using the
Automatic Erase algorithm. The Automatic Erase algorithm
automatically programs the entire array prior to electrical
erase. The timing and verification of electrical erase are
internally controlled by the device.
AUTOMATIC SECTOR ERASE
The MX29F002T/B is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. Sector erase modes allow
sectors of the array to be erased in one erase cycle. The
Automatic Sector Erase algorithm automatically programs
the specified sector(s) prior to electrical erase. The timing
and verification of electrical erase are internally controlled
by the device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write a program set-up commands include 2
unlock write cycle and A0H and a program command
(program data and address). The device automatically
times the programming pulse width, verifies the program,
and counts the number of sequences. A status bit similar
to DATA polling and a status bit toggling between
consecutive read cycles, provides feedback to the user as
to the status of the programming operation.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using standard
microprocessor write timings. The device will automati-
cally pre-program and verify the entire array. Then the
device automatically times the erase pulse width, verifies
the erase, and counts the number of sequences. A status
bit similar to DATA polling and status bit toggling between
consecutive read cycles provides feedback to the user as
to the status of the programming operation.
Commands are written to the command register using
standard microprocessor write timings. Register contents
serve as inputs to an internal state-machine which controls
the erase and programming circuitry. During write cycles,
the command register internally latches address and data
needed for the programming and erase operations. During
a system write cycle, addresses are latched on the falling
edge, and data are latched on the rising edge of WE .
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, relia-
bility, and cost effectiveness. The MX29F002T/B electri-
cally erases all bits simultaneously using Fowler-Nord-
heim tunneling. The bytes are programmed one byte at a
time using the EPROM programming mechanism of hot
electron injection.
During a program cycle, the state-machine will control the
program sequences and command register will not re-
spond to any command set. During a Sector Erase cycle,
the command register will only respond to Erase Suspend
command. After Erase Suspend is completed, the device
stays in read mode. After the state machine has com-
pleted its task, it will allow the command register to
respond to its full command set.


Similar Part No. - MX29F002BQC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F002BQC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com