Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80510EVAL1Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL80510EVAL1Z
Description  High Performance 500mA LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80510EVAL1Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL80510EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL80510EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISL80505
3
FN8770.0
September 8, 2015
Submit Document Feedback
Pin Configuration
ISL80505
(8 LD 3x3 DFN)
TOP VIEW
2
3
4
1
5
8
7
6
VOUT
VOUT
FB
GND
VIN
VIN
ENABLE
SS
EPAD
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2
VOUT
Regulated output voltage. A minimum 4.7µF X5R/X7R output capacitor is required for stability. See “External
Capacitor Requirements” on page 10 for more details.
3
FB
This pin is the input to the control loop error amplifier and is used to set the output voltage of the LDO.
4GND
Ground
5ENABLE
VIN independent chip enable. TTL and CMOS compatible.
6
SS
External capacitor on this pin adjusts start-up ramp and controls inrush current.
7, 8
VIN
Input supply; A minimum of 4.7µF X5R/X7R input capacitor is required for proper operation. See “External
Capacitor Requirements” on page 10 for more details.
-
EPAD
EPAD at ground potential. It is recommended to solder the EPAD to the ground plane.


Similar Part No. - ISL80510EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80510EVAL1Z INTERSIL-ISL80510EVAL1Z Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80510EVAL1Z RENESAS-ISL80510EVAL1Z Datasheet
961Kb / 13P
   High Performance 500mA LDO
ISL80510EVAL1Z RENESAS-ISL80510EVAL1Z Datasheet
1Mb / 13P
   High Performance 1A LDO
More results

Similar Description - ISL80510EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80505 RENESAS-ISL80505 Datasheet
961Kb / 13P
   High Performance 500mA LDO
logo
Micrel Semiconductor
MIC5528 MICREL-MIC5528 Datasheet
623Kb / 14P
   High-Performance 500mA LDO
MIC5524 MICREL-MIC5524 Datasheet
612Kb / 13P
   High-Performance 500mA LDO
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
   500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
   500mA TinyPowerTM LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
   500mA SMART LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com