Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80136IBEAJZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL80136IBEAJZ
Description  40V, Low Quiescent Current, 50mA Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80136IBEAJZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL80136IBEAJZ Datasheet HTML 2Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 3Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 4Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 5Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 6Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 7Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 8Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 9Page - Intersil Corporation ISL80136IBEAJZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ISL80136
8
FN7970.2
August 11, 2015
Submit Document Feedback
Functional Description
Functional Overview
The ISL80136 is a high performance, high voltage, low-dropout
regulator (LDO) with 50mA sourcing capability. The part is rated
to operate across the -40°C to +125°C temperature range.
Featuring ultra-low quiescent current, it makes an ideal choice
for “always-on” applications. It works well under a “load dump
condition” where the input voltage could rise up to 40V. The
device also features current limit and thermal shutdown
protection.
Enable Control
The ISL80136 features an Enable pin. When it is pulled low, the
IC goes into shutdown mode. In this condition, the device draws
less than 2µA. Driving the pin high turns the device on. For
always on operation, the EN pin can be tied directly to IN.
Current Limit Protection
The ISL80136 has internal current limit functionality to protect
the regulator during fault conditions. During current limit, the
output sources a fixed amount of current largely independent of
the output voltage. If the short or overload is removed from VOUT,
the output returns to normal voltage regulation mode.
Thermal Fault Protection
In the event that the die temperature exceeds typically +165°C,
the output of the LDO will shut down until the die temperature
cools down to typically +145°C. The level of power dissipated,
combined with the ambient temperature and the thermal
impedance of the package, will determine if the junction
temperature exceeds the thermal shutdown temperature. Also
see the section on “Power Dissipation”.
Application Information
Input and Output Capacitors
For the output, a ceramic capacitor (X5R or X7R) with a
capacitance of 10µF is recommended for the ISL80136 to
maintain stability. The ground connection of the output capacitor
should be routed directly to the GND pin of the device and also
placed close to the IC. A minimum of 0.1µF (X5R or X7R) is
recommended at the input.
Output Voltage Setting
The output voltage is programmed using an external resistor
divider, as shown in Figure 14.
The output voltage is calculated using Equation 1:
Power Dissipation
The junction temperature must not exceed the range specified in
“Recommended Operating Conditions” on page 4. The power
dissipation can be calculated using Equation 2:
The maximum allowable junction temperature, TJ(MAX) and the
maximum expected ambient temperature, TA(MAX) will determine
the maximum allowable junction temperature rise (
TJ), as shown
in Equation 3:
To calculate the maximum ambient operating temperature, use
the junction-to-ambient thermal resistance (
JA), as shown in
Equation 4:
Board Layout Recommendations
A good PCB layout is important to achieve expected
performance. Consideration should be taken when placing the
components and routing the trace to minimize the ground
impedance, and keep the parasitic inductance low. The input and
output capacitors should have a good ground connection and be
placed as close to the IC as possible. The ADJ feedback trace
should be away from other noisy traces. Connect the exposed
pad to the ground plane using as many vias as possible within
the pad for the best thermal relief.
IN
OUT
EN
(ISL80136)
ADJ
GND
CIN
0.1µF
COUT
10µF
R1
R2
FIGURE 14. SETTING OUTPUT VOLTAGE
VOUT
1.223V
R1
R2
-------- 1
+


=
(EQ. 1)
PD
VIN VOUT
 I
OUT
VIN IGND
+
=
(EQ. 2)
T
J
TJMAX
 TAMAX

=
(EQ. 3)
TJMAX

PDMAX
 x JA
TA
+
=
(EQ. 4)


Similar Part No. - ISL80136IBEAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Renesas Technology Corp
ISL80136IBEAJZ RENESAS-ISL80136IBEAJZ Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
More results

Similar Description - ISL80136IBEAJZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
logo
Renesas Technology Corp
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com