Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80112IRAJZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL80112IRAJZ
Description  Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80112IRAJZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL80112IRAJZ Datasheet HTML 4Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 5Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 10Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 11Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ISL80111, ISL80112, ISL80113
8
FN7841.2
November 1, 2013
FIGURE 11. VBIAS LINE REGULATION
FIGURE 12. BIAS GROUND CURRENT vs LOAD CURRENT
FIGURE 13. INPUT GROUND CURRENT vs VIN and VOUT
FIGURE 14. INPUT GROUND CURRENT vs VBIAS
FIGURE 15. BIAS GROUND CURRENT vs VIN and VOUT
FIGURE 16. BIAS GROUND CURRENT vs VBIAS
Typical Operating Performance Unlessotherwisenoted,V
IN = 1.8V, VBIAS = 3.3V, VOUT = 1.2V, CIN = COUT = 10µF,
TJ = +25°C, ILOAD = 0A. (Continued)
VIN=1.6V
VIN = 1.6V
1.205
1.204
1.203
1.202
1.201
1.200
1.199
1.198
1.197
1.196
1.195
BIAS VOLTAGE (V)
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
01
23
OUTPUT CURRENT(A)
BIAS = 5V
BIAS = 2.9V
VIN INPUT VOLTAGE (V)
1.0
1.4
1.8
2.2
2.6
3.0
3.8
11
3.4
10
9
8
7
6
5
4
3
2
1
VBIAS = 5V
VOUT = 0.8V
VBIAS = 5V
VOUT = 1.0V
VBIAS = 5V
VOUT = 3.3V
VBIAS = 5V
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 1.8V
VBIAS = 3.3V
VOUT = 1.0V
VBIAS = 3.3V
VOUT = 0.8V
BIAS VOLTAGE (V)
2.9
3.2
3.5
3.8
4.1
4.4
5.0
3.2
4.7
2.8
2.6
2.4
2.2
2.0
3.0
VIN=1.6V
VOUT = 0.8V
INPUT VOLTAGE (V)
1.0
1.4
1.8
2.2
2.6
3.0
3.8
3.2
3.4
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
VBIAS = 3.3V
VOUT = 2.5V
VBIAS = 5V
VOUT = 2.5V
VBIAS = 5V
VOUT = 1.2V
VBIAS = 5V
VOUT = 0.8V
VBIAS = 3.3V
VOUT = 0.8V
VBIAS = 3.3V
VOUT = 1.2V
BIAS VOLTAGE (V)
2.9
3.2
3.5
3.8
4.1
4.4
5.0
3.45
VIN = 1.6V
4.7
2.85
2.65
2.45
2.25
1.85
3.25
3.05
2.05


Similar Part No. - ISL80112IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80112IRAJZ RENESAS-ISL80112IRAJZ Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
More results

Similar Description - ISL80112IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com