Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL80101EVAL2Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL80101EVAL2Z
Description  High Performance 1A LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101EVAL2Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL80101EVAL2Z Datasheet HTML 1Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 2Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 3Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 4Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 5Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 6Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 7Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 8Page - Intersil Corporation ISL80101EVAL2Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL80101-ADJ
4
FN7834.3
August 26, 2015
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VIN Relative to GND (Note 5). . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
VOUT Relative to GND (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
PG, ENABLE, ADJ, SS
Relative to GND (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
ESD Rating
Human Body Model (Tested per JESD22 A114F) . . . . . . . . . . . . . . .2.5kV
Charge Device Model (Tested per JESD22-C101C). . . . . . . . . . . . . . . 2kV
Latch-up (Tested per JESD78C, Class 2, Level A) . . . . ±100mA at +125°C
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
10 Ld DFN Package (Notes 6, 7) . . . . . . . .
48
7
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions (Notes 8, 9)
Junction Temperature Range (TJ) (Note 8) . . . . . . . . . . . .-40°C to +125°C
VIN Relative to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.2V to 6V
VOUT Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800mV to 5V
PG, ENABLE, ADJ, SS relative to GND . . . . . . . . . . . . . . . . . . . . . . . 0V to 6V
PG Sink Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. ABS max voltage rating is defined as the voltage applied for a lifetime average duty cycle above 6V of 1%.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. Extended operation at these conditions may compromise reliability. Exceeding these limits will result in damage. Recommended operating conditions
define limits where specifications are guaranteed.
9. Electromigration specification defined as lifetime average junction temperature of +110°C where max rated DC current = lifetime average current.
Electrical Specifications Unless otherwise noted, 2.2V < VIN < 6V, VOUT = 0.5V, TJ = +25°C. Applications must follow thermal guidelines
of the package to determine worst case junction temperature. Please refer to “Applications Information” on page 8 and Tech Brief TB379.
Boldface limits apply across the operating temperature range, -40°C to +125°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNITS
DC CHARACTERISTICS
Feedback Pin (ADJ Option Only)
VADJ
VOUT + 0.4V < VIN < 6V, VOUT = 2.5V, 0A < ILOAD < 1A
491
500
509
mV
DC Input Line Regulation
(VOUT low line -
VOUT high
line)/VOUT low
line
VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
-1
1
%
DC Output Load Regulation
(VOUT no load-
VOUT high
load)/ VOUT no
load
0A < ILOAD < 1A, VOUT = 2.5V
-1
1
%
Feedback Input Current
VADJ = 0.5V
0.01
1
µA
Ground Pin Current
IQ
ILOAD = 0A, VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
3
5
mA
ILOAD = 1A, VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
5
7
mA
Ground Pin Current in Shutdown
ISHDN
ENABLE Pin = 0.2V, VIN = 6V
0.2
12
µA
Dropout Voltage (Note 11)VDO
ILOAD = 1A, VOUT = 2.5V
130
212
mV
Output Short Circuit Current
OCP
VOUT = 0V
1.75
A
Thermal Shutdown Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
TSDn
30
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
PSRR
f = 1kHz, ILOAD = 1A; VIN = 2.2V, VOUT = 1.8V
58
dB
f = 120Hz, ILOAD = 1A; VIN = 2.2V, VOUT = 1.8V
65
dB
Output Noise Voltage
ILOAD = 1A, BW = 100Hz < f < 100kHz, VIN = 2.2V,
VOUT = 1.8V
53
µVRMS


Similar Part No. - ISL80101EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL80101EVAL2Z RENESAS-ISL80101EVAL2Z Datasheet
747Kb / 12P
   High Performance 1A LDO
More results

Similar Description - ISL80101EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com