Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78301FVEAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78301FVEAZ
Description  40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78301FVEAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78301FVEAZ Datasheet HTML 1Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 2Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 3Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 4Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 5Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 6Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 7Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 8Page - Intersil Corporation ISL78301FVEAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
DATASHEET
40V, Low Quiescent Current, 150mA Linear Regulator
for Automotive Applications
ISL78301
The ISL78301 is a high voltage, low quiescent current linear
regulator ideally suited for “always-on” and “keep alive”
automotive applications. The ISL78301 operates from an input
voltage of +6V to +40V under normal operating conditions and
operates down to +3V under a cold crank. It consumes only 18µA
of quiescent current at no load on the adjustable version.
The ISL78301 is available in a fixed 3.3V, 5V and adjustable
output voltage (2.5V to 12V) options. It features an EN pin that
can be used to put the device into a low-quiescent current
shutdown mode where it draws only 2µA of supply current. The
device features over-temperature shutdown and current limit
protection.
The ISL78301 is AEC-Q100 qualified. It is rated over the -40°C to
+125°C automotive temperature range and is available in a
14 Ld HTSSOP with an exposed pad package.
Applications
•Automotive
•Industrial
• Telecommunications
Features
• Optimized for “always-on” automotive applications
• 18µA typical quiescent current
• Guaranteed 150mA output current
• Operates through cold crank down to 3V
• 40V tolerant logic level (TTL/CMOS) enable input
• 2µA of typical shutdown current
• Low dropout voltage of 295mV at 150mA
• Fixed +3.3V, +5.0V and adjustable output voltage options
• Stable operation with 10µF output capacitor
• Thermal shutdown and current limit protection
• -40°C to +125°C operating temperature range
• Thermally enhanced 14 Ld exposed pad HTSSOP package
• AEC-Q100 qualified
• 5kV ESD HBM rated
• Pb-free (RoHS compliant)
FIGURE 1. TYPICAL APPLICATION - ADJ VERSION
FIGURE 2. TYPICAL APPLICATION - FIXED VERSION
FIGURE 3. QUIESCENT CURRENT vs LOAD CURRENT (ADJ VERSION AT UNITY GAIN) VIN = 14V
IN
OUT
EN
(ISL78301)
ADJ
GND
CIN
0.1µF
COUT
10µF
R1
R2
VIN = 14V
VOUT = 12V
IN
OUT
EN
(ISL78301)
GND
CIN
0.1µF
COUT
10µF
VIN = 14V
VOUT = 5V
0
5
10
15
20
25
-50
0
50
100
150
TEMPERATURE (°C)
April 7, 2015
FN6705.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2011, 2013, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL78301FVEAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301FVEAZ INTERSIL-ISL78301FVEAZ Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Renesas Technology Corp
ISL78301FVEAZ RENESAS-ISL78301FVEAZ Datasheet
599Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results

Similar Description - ISL78301FVEAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Renesas Technology Corp
ISL78301 RENESAS-ISL78301 Datasheet
599Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Monolithic Power System...
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
   40V, 150mA, Low-Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
logo
Renesas Technology Corp
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com