Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62883BHRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL62883BHRTZ
Description  Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62883BHRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL62883BHRTZ Datasheet HTML 1Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 2Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 3Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 4Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 5Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 6Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 7Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 8Page - Intersil Corporation ISL62883BHRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ISL62883, ISL62883B
4
FN6891.4
June 21, 2011
VSSP2
Current return path for the Phase-2 converter low-side MOSFET
gate driver. Connect the VSSP2 pin to the source of the Phase-2
low-side MOSFET through a low impedance path, preferably in
parallel with the trace connecting the LGATE2 pin to the gate of
the Phase-2 low-side MOSFET.
PHASE2
Current return path for the Phase-2 high-side MOSFET gate driver.
Connect the PHASE2 pin to the node consisting of the high-side
MOSFET source, the low-side MOSFET drain, and the output
inductor of Phase-2.
UGATE2
Output of the Phase-2 high-side MOSFET gate driver. Connect the
UGATE2 pin to the gate of the Phase-2 high-side MOSFET.
BOOT2
Connect an MLCC capacitor across the BOOT2 and the PHASE2
pins. The boot capacitor is charged through an internal boot
diode connected from the VCCP pin to the BOOT2 pin, each time
the PHASE2 pin drops below VCCP minus the voltage dropped
across the internal boot diode.
VID0, VID1, VID2, VID3, VID4, VID5, VID6
VID input with VID0 = LSB and VID6 = MSB.
VR_ON
Voltage regulator enable input. A high level logic signal on this
pin enables the regulator.
DPRSLPVR
Deeper sleep enable signal. A high level logic signal on this pin
indicates that the microprocessor is in deeper sleep mode.
CLK_EN#
Open drain output to enable system PLL clock. It goes low 13
switching cycles after Vcore is within 10% of Vboot.
NC
No Connect.
BOTTOM (on ISL62883B)
The bottom pad of ISL62883B is electrically connected to the
GND pin inside the IC.


Similar Part No. - ISL62883BHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62883BHRTZ INTERSIL-ISL62883BHRTZ Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883BHRTZ INTERSIL-ISL62883BHRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883BHRTZ RENESAS-ISL62883BHRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
More results

Similar Description - ISL62883BHRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com