Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62882IRTZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL62882IRTZ
Description  Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62882IRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL62882IRTZ Datasheet HTML 1Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 2Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 3Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 4Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 5Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 6Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 7Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 8Page - Intersil Corporation ISL62882IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
ISL62882, ISL62882B
5
FN6890.4
June 21, 2011
Block Diagram
VID0
VID1
VID2
VID3
VID4
VID5
VID6
VR_ON
PSI#
DPRSLPVR
MODE
CONTROL
DAC
AND
SOFT-
START
RTN
Σ
E/A
FB
IDROOP
CURRENT
SENSE
ISUM+
ISUM-
IMON
IMON
COMP
DRIVER
SHOOT THROUGH
PROTECTION
DRIVER
DRIVER
SHOOT THROUGH
PROTECTION
DRIVER
PROTECTION
PGOOD
CLK_EN#
ADJ. OCP
THRESHOLD
LGATE1A
PHASE1
UGATE1
BOOT1
LGATE2
PHASE2
UGATE2
BOOT2
VSEN
CLOCK
VW
ISEN2
ISEN1
CURRENT
BALANCE
VIN
FLT
WOC
OC
2.5X
VSSP1
VSSP2
WOC
OC
VCCP
VIN
VDAC
MODULATOR
MODULATOR
IBAL
VIN VDAC
IBAL
VIN VDAC
COMP
VW
COMP
COMP
PGOOD &
CLK_EN#
LOGIC
GND
VDD
VR_TT#
NTC
1.20V
1.24V
54µA
6µA
RBIAS
GAIN
SELECT
60µA
NUMBER OF
PHASES
IBAL
Σ
CURRENT
COMPARATORS
FB2
DRIVER
LGATE1B
COMP


Similar Part No. - ISL62882IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62882IRTZ RENESAS-ISL62882IRTZ Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62882IRTZ-T INTERSIL-ISL62882IRTZ-T Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
More results

Similar Description - ISL62882IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com