Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62881HRTZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL62881HRTZ
Description  Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62881HRTZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL62881HRTZ Datasheet HTML 1Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 2Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 3Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 4Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 5Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 6Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 7Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 8Page - Intersil Corporation ISL62881HRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ISL62881, ISL62881B
5
FN6924.3
June 16, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28V
Boot Voltage (BOOT). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
Boot to Phase Voltage (BOOT-PHASE) . . . . . . . . . . . . . . . . -0.3V to +7V(DC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +9V(<10ns)
Phase Voltage (PHASE) . . . . . . . . . . . . . . . . -7V (<20ns Pulse Width, 10µJ)
UGATE Voltage (UGATE) . . . . . . . . . . . . . . . . . . . . PHASE-0.3V (DC) to BOOT
. . . . . . . . . . . . . . . . . . . . .PHASE-5V (<20ns Pulse Width, 10µJ) to BOOT
LGATE Voltage (LGATE). . . . . . . . . . . . . . . . . . . . . . -0.3V (DC) to VDD + 0.3V
. . . . . . . . . . . . . . . . . . . . . -2.5V (<20ns Pulse Width, 5µJ) to VDD + 0.3V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD + 0.3V)
Open Drain Outputs, PGOOD, VR_TT#, CLK_EN# . . . . . . . . . . . . . . -0.3V to +7V
Thermal Resistance (Typical, Notes 4, 5)
θJA (°C/W) θJC (°C/W)
28 Ld TQFN Package . . . . . . . . . . . . . . . . . .
40
3
32 Ld TQFN Package . . . . . . . . . . . . . . . . . .
32
3
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Battery Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to 25V
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +100°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-10°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379
.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Operating Conditions: VDD = 5V, TA = -10°C to +100°C, fSW = 300kHz, unless otherwise noted. Boldface
limits apply over the operating temperature range, -10°C to +100°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6) TYP
MAX
(Note 6) UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVDD
VR_ON = 1V
3.2
4.0
mA
VR_ON = 0V
1
µA
Battery Supply Current
IVIN
VR_ON = 0V
1
µA
VIN Input Resistance
RVIN
VR_ON = 1V
900
k
Ω
Power-On-Reset Threshold
PORr
VDD rising
4.35
4.5
V
PORf
VDD falling
4.00
4.15
V
SYSTEM AND REFERENCES
System Accuracy
%Error (VCC_CORE)
No load; closed loop, active mode range
VID = 0.75V to 1.50V
-0.5
+0.5
%
VID = 0.5V to 0.7375V
-8
+8
mV
VID = 0.3V to 0.4875V
-15
+15
mV
VBOOT
1.0945 1.100 1.1055
V
Maximum Output Voltage
VCC_CORE(max)
VID = [0000000]
1.500
V
Minimum Output Voltage
VCC_CORE(min)
VID = [1111111]
0
V
RBIAS Voltage
RBIAS = 147kΩ
1.45
1.47
1.49
V
CHANNEL FREQUENCY
Nominal Channel Frequency
fSW(nom)
RFSET = 7kΩ, VCOMP =1V
295
310
325
kHz
Adjustment Range
200
500
kHz
AMPLIFIERS
Current-Sense Amplifier Input
Offset
IFB = 0A
-0.15
+0.15
mV
Error Amp DC Gain
Av0
90
dB
Error Amp Gain-Bandwidth
Product
GBW
CL = 20pF
18
MHz


Similar Part No. - ISL62881HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881HRTZ RENESAS-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results

Similar Description - ISL62881HRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62881 RENESAS-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881_10 Datasheet
823Kb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Renesas Technology Corp
ISL62881C RENESAS-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
logo
Intersil Corporation
ISL62881CHRTZ INTERSIL-ISL62881CHRTZ Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
March 8, 2010
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com