Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV004TTC-70 Datasheet(PDF) 6 Page - Macronix International

Part # MX29LV004TTC-70
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV004TTC-70 Datasheet(HTML) 6 Page - Macronix International

Back Button MX29LV004TTC-70 Datasheet HTML 2Page - Macronix International MX29LV004TTC-70 Datasheet HTML 3Page - Macronix International MX29LV004TTC-70 Datasheet HTML 4Page - Macronix International MX29LV004TTC-70 Datasheet HTML 5Page - Macronix International MX29LV004TTC-70 Datasheet HTML 6Page - Macronix International MX29LV004TTC-70 Datasheet HTML 7Page - Macronix International MX29LV004TTC-70 Datasheet HTML 8Page - Macronix International MX29LV004TTC-70 Datasheet HTML 9Page - Macronix International MX29LV004TTC-70 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6
P/N:PM0732
MX29LV004T/B
REV. 1.1, SEP. 19, 2001
mand through the command register without requiring
VID, as shown in table4.
To verify whether or not sector being protected, the sec-
tor address must appear on the appropriate highest or-
der address bit (see Table 1 and Table 2). The rest of
address bits, as shown in table3, are don't care. Once
all necessary bits have been set as required, the pro-
gramming equipment may read the corresponding iden-
tifier code on Q7~Q0.
A18
A12
A9
A8
A6
A5
A1
A0
Description
CE
OE
WE
RESET
|
|
|
|
Q15~Q0
(note) A13
A10
A7
A2
Read Silicon ID
L
L
H
H
X
X
VID
X
L
X
L
L
C2H
Manfacturer Code
Read Silicon ID
L
L
H
H
X
X
VID
X
L
X
L
H
B5H
(Top Boot Block)
Device ID
L
L
H
H
X
X
VID
X
L
X
L
H
B6H
(Bottom Boot Block)
01H
Sector Protection
L
L
H
H
SA
X
VID
X
L
X
H
L
(protected)
Verification
00H
(unprotected)
TABLE 3. MX29LV004T/B AUTOSELECT MODE OPERATION
NOTE: SA=Sector Address, X=Don't Care, L=Logic Low, H=Logic High.
RESET pin for 40-TSOP only.


Similar Part No. - MX29LV004TTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004CB MCNIX-MX29LV004CB Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-55Q MCNIX-MX29LV004CBQC-55Q Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-55R MCNIX-MX29LV004CBQC-55R Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-70 MCNIX-MX29LV004CBQC-70 Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CBQC-70G MCNIX-MX29LV004CBQC-70G Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV004TTC-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV400CT MCNIX-MX29LV400CT Datasheet
888Kb / 68P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV401T MCNIX-MX29LV401T Datasheet
986Kb / 56P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
   4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX26LV040 MCNIX-MX26LV040 Datasheet
588Kb / 40P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV004T MCNIX-MX26LV004T Datasheet
459Kb / 43P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F040C MCNIX-MX29F040C Datasheet
581Kb / 38P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com