Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27L256-15 Datasheet(PDF) 9 Page - Macronix International

Part # 27L256-15
Description  256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

27L256-15 Datasheet(HTML) 9 Page - Macronix International

Back Button 27L256-15 Datasheet HTML 5Page - Macronix International 27L256-15 Datasheet HTML 6Page - Macronix International 27L256-15 Datasheet HTML 7Page - Macronix International 27L256-15 Datasheet HTML 8Page - Macronix International 27L256-15 Datasheet HTML 9Page - Macronix International 27L256-15 Datasheet HTML 10Page - Macronix International 27L256-15 Datasheet HTML 11Page - Macronix International 27L256-15 Datasheet HTML 12Page - Macronix International 27L256-15 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
P/N:PM0248
REV.3.6, AUG. 26, 2003
MX27L256
PLASTIC PACKAGE
PART NO.
ACCESS TIME(ns)
OPERATING
STANDBY
OPERATING
PACKAGE
CURRENT MAX.(mA)
CURRENT MAX.(uA)
TEMPERATURE
MX27L256PC-12
120
10
10
0°C to 70°C
28 Pin DIP
MX27L256QC-12
120
10
10
0°C to 70°C
32 Pin PLCC
MX27L256TC-12
120
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L256PC-15
150
10
10
0°C to 70°C
28 Pin DIP
MX27L256QC-15
150
10
10
0°C to 70°C
32 Pin PLCC
MX27L256TC-15
150
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L256PC-20
200
10
10
0°C to 70°C
28 Pin DIP
MX27L256QC-20
200
10
10
0°C to 70°C
32 PinPLCC
MX27L256TC-20
200
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L256PC-25
250
10
10
0°C to 70°C
28 Pin DIP
MX27L256QC-25
250
10
10
0°C to 70°C
32 Pin PLCC
MX27L256TC-25
250
10
10
0°C to 70°C
28 Pin TSOP(I)
MX27L256PI-12
120
10
10
-40°C to 85°C
28 Pin DIP
MX27L256QI-12
120
10
10
-40°C to 85°C
32 Pin PLCC
MX27L256TI-12
120
10
10
-40°C to 85°C
28 Pin TSOP(I)
MX27L256PI-15
150
10
10
-40°C to 85°C
28 Pin DIP
MX27L256QI-15
150
10
10
-40°C to 85°C
32 Pin PLCC
MX27L256TI-15
150
10
10
-40°C to 85°C
28 Pin TSOP(I)
MX27L256PI-20
200
10
10
-40°C to 85°C
28 Pin DIP
MX27L256QI-20
200
10
10
-40°C to 85°C
32 PinPLCC
MX27L256TI-20
200
10
10
-40°C to 85°C
28 Pin TSOP(I)
MX27L256PI-25
250
10
10
-40°C to 85°C
28 Pin DIP
MX27L256QI-25
250
10
10
-40°C to 85°C
32 Pin PLCC
MX27L256TI-25
250
10
10
-40°C to 85°C
28 Pin TSOP(I)
ORDERING INFORMATION


Similar Part No. - 27L256-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L2000-12 MCNIX-27L2000-12 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-12 MCNIX-27L2000-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-15 MCNIX-27L2000-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
27L2000-20 MCNIX-27L2000-20 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - 27L256-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Toshiba Semiconductor
T4773 TOSHIBA-T4773 Datasheet
105Kb / 5P
   CMOS 256K-BIT EPROM
logo
Macronix International
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
   1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
   2M-BIT [256K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com