Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55211IRTZ-EVAL1Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL55211IRTZ-EVAL1Z
Description  Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55211IRTZ-EVAL1Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL55211IRTZ-EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL55211IRTZ-EVAL1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL55211
9
FN7868.0
June 21, 2011
FIGURE 21. SMALL SIGNAL STEP RESPONSE
FIGURE 22. LARGE SIGNAL RESPONSE
FIGURE 23. ENABLE/DISABLE TIMES (2µs/DIV)
FIGURE 24. SHUTDOWN FEED-THROUGH
FIGURE 25. OVERDRIVE RECOVERY
FIGURE 26. PSRR/CMRR TO DIFFERENTIAL VO
Typical Performance Curves V
s+ = 3.3V, TA ≈ +25°C, unless otherwise noted. (Continued)
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0
2
4
6
8
10
12
14
16
18
20
TIMEBASE (ns)
OUTPUT
INPUT
TEST CIRCUIT #1 WITH ADT2-1T
100MHz SQUARE WAVE INPUT
-1.5
-1
-0.5
0
0.5
1.0
1.5
02468
10
12
14
16
18
20
TIMEBASE (ns)
OUTPUT
INPUT
TEST CIRCUIT #1 WITH ADT2-1T
100MHz SQUARE WAVE INPUT
PD
100MHz OUTPUT
DISABLED
ENABLED
2µs/DIV
100MHz OUTPUT
DISABLED
ENABLED
2µs/DIV
TEST CIRCUIT 1
-16.0
-15.8
-15.6
-15.4
-15.2
-15.0
-14.8
-14.6
-14.4
1M
10M
100M
FREQUENCY (Hz)
100mVP-P
2VP-P
TEST CIRCUIT 1 WITH ADT2-1T INPUT
OUTPUT VP-P RELATIVE TO INPUT VP-P
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
120
140
160
180
200
TIME (ns)
OUTPUT
INPUT
TEST CIRCUIT 1
1
10
100
1000
FREQUENCY (MHz)
35
45
55
65
75
85
95
PSRR TO VO (DIFFERENTIAL)
CMRR TO VO (DIFFERENTIAL)
TEST CIRCUIT 1 SIMULATED
EXACT EXTERNAL R’s


Similar Part No. - ISL55211IRTZ-EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211IRTZ-EVAL1Z INTERSIL-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Renesas Technology Corp
ISL55211IRTZ-EVAL1Z RENESAS-ISL55211IRTZ-EVAL1Z Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results

Similar Description - ISL55211IRTZ-EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com