Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55210IRTZ-T7A Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL55210IRTZ-T7A
Description  Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ-T7A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL55210IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 14Page - Intersil Corporation ISL55210IRTZ-T7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL55210
11
FN7811.2
June 6, 2013
Most of the characterization curves start with Figure 28 then get
different gains by changing the feedback resistor, RF, use
different input transformers where then the RG is also adjusted
to hold an input match, or vary the loading. For load tests below
the 200Ω shown in Figure 28, a simple added shunt resistor is
placed across the output pins. For loads >200Ω, the series and
shunt load R's are adjusted to show that total load (including the
50Ω measurement load reflected through the 1:1 output
measurement port transformer) and provide an apparent 50Ω
differential source to that transformer. This output side
transformer is for measurement purposes only and is not
necessary for final applications circuits. There are output
interface designs that do benefit from a transformer as part of
the signal path, but the one shown at the right of Figure 28 is
used only for characterization to get a doubly terminated 50Ω
measurement path going differential to single ended.
Where just the amplifier is tested, a 4 port network analyzer is
used and the very simple test circuit of Figure 29 is
implemented. This is used to extract the differential S21 curves
and differential output impedance vs gain. Changing the gain is a
simple matter of adjusting the two RF resistors of Figure 29. This
circuit depends on the two AC coupled source 50Ω of the 4 port
network analyzer and presents an AC coupled differential 100Ω
load to the amplifier as the input impedance of the remaining
two ports of the network analyzer.
Using this measurement allows the full small single bandwidth of
the ISL55210 to be exposed. Many of the other measurements are
using I/O transformers that are limiting the apparent bandwidth to
reduced level. Figure 16 shows a series of normalized differential
S21 curves for gains of 12dB to 30dB in 6dB steps. These are
simply stepping two feedback resistor values (RF) up from 200Ω to
1600Ω in 2X steps. The lowest gain of 12dB (4V/V) is showing a
2.2GHz small signal bandwidth. This response gets some
bandwidth extension due to phase margin <60degree effects, but
by the gain of 24dB (16V/V), the bandwidth is following a Gain
Bandwidth type characteristic showing 300MHz bandwidth or
>4GHz Gain Bandwidth Product (GBP).
The closed loop differential output impedance of Figure 17 is
simulated using Figure 29 in ADS. This shows a relatively low
output impedance (<1Ω through 100MHz) constant with signal
gain setting. Typical FDA outputs show a closed loop output
impedance that increases with signal gain setting. The ISL55210
holds a more constant response vs gain due to internal design
elements unique to this device.
Common mode output measurements are made using the circuit
Figure 30. Here, the outputs are summed together through two
100Ω resistors (still a 200Ω differential load) to a center point
where the average, or common mode, output voltage may be
sensed. This is coupled through a 1µF DC blocking capacitor and
measured using 50Ω test equipment. The common mode source
impedance for this circuit is the parallel combination of the
2Ω -100Ω elements, or 50Ω. Figure 18 uses this circuit to
measure the small and large signal response from the VCM
control pin to the output common mode. This pin includes an
internal 50pF capacitor on the default bias network (to filter
supply noise when there is no connection to this pin) which
bandlimits the response to approximately 30MHz. This is far
lower than the actual bandwidth of the common mode loop.
Figure 19 uses this output CM measurement circuit with a large
signal (2VP-P) differential output voltage (generated through the
Vi path of Figure 30) to measure the differential to common
mode conversion.
Single Supply, Input Transformer Coupled,
Design Considerations
The characterization circuit of Figure 28 shows one possible
input stage interface that offers several advantages. The
ISL55210 can also support a DC coupled differential to
differential or single ended input to differential requirement if
needed. Where AC coupling is adequate, the circuit of Figure 28
simplifies the input common mode voltage control. If the source
coming into this stage is single ended, the input transformer
provides a zero power conversion to differential. The two gain
resistors (RG in Figure 28) provide both the input termination
impedance and the gain element for the amplifier. For minimum
noise, only RG should be used and set to achieve the desired
input impedance. Since the ISL55210 is a VFA device, these
resistor values can be scaled up and down a bit more freely than
a current feedback based FDA.
FIGURE 29. TEST CIRCUIT #2 4-PORT S-PARAMETER
MEASUREMENTS
ISL55210
+3.3V
+
-
VCM
RF
RF
1/2 OF A 4-port
S-PARAMETER
PD
50
10k
50
50
50
1/2 OF A 4-PORT
S-PARAMETER
FIGURE 30. TEST CIRCUIT #3 COMMON MODE AC OUTPUT
MEASUREMENTS
1µF
1:1.4
ISL55210
+3.3V
+
-
VCM
ADT2-1T
1µF
Vi
PD
OUTPUT
VCM
VCM INPUT
100
100
10k
50
50
50
50
50
50
200
200


Similar Part No. - ISL55210IRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ-T7A INTERSIL-ISL55210IRTZ-T7A Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Renesas Technology Corp
ISL55210IRTZ-T7A RENESAS-ISL55210IRTZ-T7A Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
More results

Similar Description - ISL55210IRTZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
   ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com