Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F200TTC-12 Datasheet(PDF) 5 Page - Macronix International

Part # MX29F200TTC-12
Description  2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F200TTC-12 Datasheet(HTML) 5 Page - Macronix International

  MX29F200TTC-12 Datasheet HTML 1Page - Macronix International MX29F200TTC-12 Datasheet HTML 2Page - Macronix International MX29F200TTC-12 Datasheet HTML 3Page - Macronix International MX29F200TTC-12 Datasheet HTML 4Page - Macronix International MX29F200TTC-12 Datasheet HTML 5Page - Macronix International MX29F200TTC-12 Datasheet HTML 6Page - Macronix International MX29F200TTC-12 Datasheet HTML 7Page - Macronix International MX29F200TTC-12 Datasheet HTML 8Page - Macronix International MX29F200TTC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
P/N:PM0549
REV. 1.3 , DEC. 24, 2001
MX29F200T/B
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stand-
ard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
verifies the erase and counts the number of sequences.
A status bit toggling between consecutive read cycles
provides feedback to the user as to the status of the
programming operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming
circuitry. During write cycles, the command register
internally latches addresses and data needed for the
programming and erase operations. During a system
write cycle, addresses are latched on the falling edge,
and data are latched on the rising edge of WE .
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality,
reliability, and cost effectiveness. The MX29F200T/B
electrically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by
using the EPROM programming mechanism of hot
electron injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is complete,
the device stays in read mode. After the state machine
has completed its task, it will allow the command register
to respond to its full command set.
AUTOMATIC PROGRAMMING
The MX29F200T/B is byte programmable using the
Automatic Programming algorithm. The Automatic Pro-
gramming algorithm does not require the system to time
out sequence or verify the data programmed.
The
typical chip programming time of the MX29F200T/B at
room temperature is less than 2 seconds.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
Typical erasure at room temperature is accomplished in
less than two second. The Automatic Erase algorithm
automatically programs the entire array prior to electrical
erase. The timing and verification of electrical erase are
internally controlled by the device.
AUTOMATIC SECTOR ERASE
The MX29F200T/B is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. Sector erase modes allow
sectors of the array to be erased in one erase cycle. The
Automatic Sector Erase algorithm automatically pro-
grams the specified sector(s) prior to electrical erase.
The timing and verification of electrical erase are inter-
nally controlled by the device.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write program set-up commands (include 2
unlock write cycle and A0H) and a program command
(program data and address). The device automatically
times the programming pulse width, verifies the pro-
gram, and counts the number of sequences. A status bit
similar to DATA polling and a status bit toggling between
consecutive read cycles, provides feedback to the user
as to the status of the programming operation.


Similar Part No. - MX29F200TTC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CB MCNIX-MX29F200CB Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-55 MCNIX-MX29F200CBMI-55 Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-55G MCNIX-MX29F200CBMI-55G Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-70 MCNIX-MX29F200CBMI-70 Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200CBMI-70G MCNIX-MX29F200CBMI-70G Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
More results

Similar Description - MX29F200TTC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MAX27L2000 MCNIX-MAX27L2000 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27C2100 MCNIX-MX27C2100 Datasheet
563Kb / 17P
   2M-BIT [256Kx8/128x16] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com