Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27L1000MI-20 Datasheet(PDF) 9 Page - Macronix International

Part # MX27L1000MI-20
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L1000MI-20 Datasheet(HTML) 9 Page - Macronix International

Back Button MX27L1000MI-20 Datasheet HTML 5Page - Macronix International MX27L1000MI-20 Datasheet HTML 6Page - Macronix International MX27L1000MI-20 Datasheet HTML 7Page - Macronix International MX27L1000MI-20 Datasheet HTML 8Page - Macronix International MX27L1000MI-20 Datasheet HTML 9Page - Macronix International MX27L1000MI-20 Datasheet HTML 10Page - Macronix International MX27L1000MI-20 Datasheet HTML 11Page - Macronix International MX27L1000MI-20 Datasheet HTML 12Page - Macronix International MX27L1000MI-20 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
MX27L1000
P/N: PM0238
REV. 3.8 , AUG. 26, 2003
ORDER INFORMATION
PART NO.
ACCESS TIME(ns)
OPERATING
STANDBY
OPERATING
PACKAGE
CURRENT MAX.(mA)
CURRENT MAX.(uA)
TEMPERATURE
MX27L1000PC-25
250
30
10
0°C to 70°C
32 Pin DIP
MX27L1000QC-25
250
20
10
0°C to 70°C
32 Pin PLCC
MX27L1000MC-25
250
30
10
0°C to 70°C
32 Pin SOP
MX27L1000TC-25
250
30
10
0°C to 70°C
32 Pin TSOP
MX27L1000PC-20
200
30
10
0°C to 70°C
32 Pin DIP
MX27L1000QC-20
200
20
10
0°C to 70°C
32 Pin PLCC
MX27L1000MC-20
200
30
10
0°C to 70°C
32 Pin SOP
MX27L1000TC-20
200
30
10
0°C to 70°C
32 Pin TSOP
MX27L1000PC-15
150
30
10
0°C to 70°C
32 Pin DIP
MX27L1000QC-15
150
20
10
0°C to 70°C
32 Pin PLCC
MX27L1000MC-15
150
30
10
0°C to 70°C
32 Pin SOP
MX27L1000TC-15
150
30
10
0°C to 70°C
32 Pin TSOP
MX27L1000PC-12
120
30
10
0°C to 70°C
32 Pin DIP
MX27L1000QC-12
120
20
10
0°C to 70°C
32 Pin PLCC
MX27L1000MC-12
120
30
10
0°C to 70°C
32 Pin SOP
MX27L1000TC-12
120
30
10
0°C to 70°C
32 Pin TSOP
MX27L1000PC-90
90
30
10
0°C to 70°C
32 Pin DIP
MX27L1000QC-90
90
20
10
0°C to 70°C
32 Pin PLCC
MX27L1000MC-90
90
30
10
0°C to 70°C
32 Pin SOP
MX27L1000TC-90
90
30
10
0°C to 70°C
32 Pin TSOP
MX27L1000PI-25
250
30
10
-40°C to 85°C
32 Pin DIP
MX27L1000QI-25
250
20
10
-40°C to 85°C
32 Pin PLCC
MX27L1000MI-25
250
30
10
-40°C to 85°C
32 Pin SOP
MX27L1000TI-25
250
30
10
-40°C to 85°C
32 Pin TSOP
MX27L1000PI-20
200
30
10
-40°C to 85°C
32 Pin DIP
MX27L1000QI-20
200
20
10
-40°C to 85°C
32 Pin PLCC
MX27L1000MI-20
200
30
10
-40°C to 85°C
32 Pin SOP
MX27L1000TI-20
200
30
10
-40°C to 85°C
32 Pin TSOP
MX27L1000PI-15
150
30
10
-40°C to 85°C
32 Pin DIP
MX27L1000QI-15
150
20
10
-40°C to 85°C
32 Pin PLCC
MX27L1000MI-15
150
30
10
-40°C to 85°C
32 Pin SOP
MX27L1000TI-15
150
30
10
-40°C to 85°C
32 Pin TSOP
MX27L1000PI-12
120
30
10
-40°C to 85°C
32 Pin DIP
MX27L1000QI-12
120
20
10
-40°C to 85°C
32 Pin PLCC
MX27L1000MI-12
120
30
10
-40°C to 85°C
32 Pin SOP
MX27L1000TI-12
120
30
10
-40°C to 85°C
32 Pin TSOP
MX27L1000PI-90
90
30
10
-40°C to 85°C
32 Pin DIP
MX27L1000QI-90
90
20
10
-40°C to 85°C
32 Pin PLCC
MX27L1000MI-90
90
30
10
-40°C to 85°C
32 Pin SOP
MX27L1000TI-90
90
30
10
-40°C to 85°C
32 Pin TSOP


Similar Part No. - MX27L1000MI-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-12 MCNIX-MX27L2000DC-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-15 MCNIX-MX27L2000DC-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-20 MCNIX-MX27L2000DC-20 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-25 MCNIX-MX27L2000DC-25 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - MX27L1000MI-20

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com