Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C8000AQI-15 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C8000AQI-15
Description  8M-BIT [1M x8] CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C8000AQI-15 Datasheet(HTML) 1 Page - Macronix International

  MX27C8000AQI-15 Datasheet HTML 1Page - Macronix International MX27C8000AQI-15 Datasheet HTML 2Page - Macronix International MX27C8000AQI-15 Datasheet HTML 3Page - Macronix International MX27C8000AQI-15 Datasheet HTML 4Page - Macronix International MX27C8000AQI-15 Datasheet HTML 5Page - Macronix International MX27C8000AQI-15 Datasheet HTML 6Page - Macronix International MX27C8000AQI-15 Datasheet HTML 7Page - Macronix International MX27C8000AQI-15 Datasheet HTML 8Page - Macronix International MX27C8000AQI-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
REV. 1.2, JUL. 19, 2001
P/N: PM00764
PIN CONFIGURATIONS
32 PDIP/SOP
PIN DESCRIPTION
FEATURES
1M x 8 organization
Single +5V power supply
+12.5V programming voltage
Fast access time: 90/100/120/150 ns
Totally static operation
Completely TTL compatible
Operating current: 60mA
Standby current: 100uA
Package type:
- 32 pin plastic DIP
- 32 pin PLCC
- 32 pin SOP
- 32 pin TSOP
32 PLCC
SYMBOL PIN NAME
A0~A19
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE/VPP
Output Enable Input/Program Supply
Voltage
VCC
Power Supply Pin (+5V)
GND
Ground Pin
MX27C8000A
8M-BIT [1M x8] CMOS EPROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A19
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A18
A17
A14
A13
A8
A9
A11
OE/VPP
A10
CE
Q7
Q6
Q5
Q4
Q3
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE/VPP
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX27C8000A
32 TSOP
A11
A9
A8
A13
A14
A17
A18
VCC
A19
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE/VPP
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX27C8000A
GENERAL DESCRIPTION
The MX27C8000A is a 5V only, 8M-bit, ultraviolet Eras-
able Programmable Read Only Memory. It is organized
as 1M words by 8 bits per word, operates from a single +5
volt supply, has a static standby mode, and features fast
single address location programming. All programming
signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used. The MX27C8000A supports
a intelligent fast programming algorithm which can result
in programming time of less than two minutes.
This EPROM is packaged in industry standard 32 pin
dual-in-line packages, 32 lead PLCC, 32 lead SOP and 32
lead TSOP packages.
ADVANCE INFORMATION


Similar Part No. - MX27C8000AQI-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000MC-10 MCNIX-MX27C8000MC-10 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000MC-12 MCNIX-MX27C8000MC-12 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000MC-15 MCNIX-MX27C8000MC-15 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
More results

Similar Description - MX27C8000AQI-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8100 MCNIX-MX27C8100 Datasheet
523Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM
MX27C4000 MCNIX-MX27C4000 Datasheet
983Kb / 15P
   4M-BIT [512K x8] CMOS EPROM
logo
Sharp Corporation
LHF08S50 SHARP-LHF08S50 Datasheet
1Mb / 34P
   8M Flash Memory 1M (x8)
logo
Macronix International
MX27C8111 MCNIX-MX27C8111 Datasheet
488Kb / 15P
   8M-BIT [1M x8/512K x16] CMOS OTP ROM WITH PAGE MODE
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com