Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55142IRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55142IRZ
Description  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55142IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55142IRZ Datasheet HTML 1Page - Intersil Corporation ISL55142IRZ Datasheet HTML 2Page - Intersil Corporation ISL55142IRZ Datasheet HTML 3Page - Intersil Corporation ISL55142IRZ Datasheet HTML 4Page - Intersil Corporation ISL55142IRZ Datasheet HTML 5Page - Intersil Corporation ISL55142IRZ Datasheet HTML 6Page - Intersil Corporation ISL55142IRZ Datasheet HTML 7Page - Intersil Corporation ISL55142IRZ Datasheet HTML 8Page - Intersil Corporation ISL55142IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6230.4
August 13, 2015
Pin Descriptions
PIN
FUNCTION
VEE
Negative supply input
QAX
Channel A, CVAX reference driven. Comparator output.
QBX
Channel B, CVBX reference driven. Comparator output.
VOL
Comparator output logic low supply. Unbuffered analog input that sets all QAX, QBX “low” voltage level.
VOH
Comparator output logic high supply. Unbuffered analog input that sets all QAX, QBX “high” voltage level.
VCC
Positive supply input.
CVAX
Channel A comparator reference analog input.
VINPX
Window comparator input. Common to both Channel Ax and Channel Bx.
CVBX
Channel B comparator reference analog input.
PD
Power-down logic input (connect to VEE if not used for power-down).
NC
No internal connection.
TABLE 1. CVA-QA AND CVB-QB BASIC COMPARATOR TRUTH TABLE
INPUT
OUTPUTS*
VINPX
QAX
QBX
<CVAX
<CVBX
00
<CVAX
>CVBX
01
>CVAX
<CVBX
10
>CVAX
>CVBX
11
* When QAX/QBX = 1, Output is connect to VOH
* When QAX/QBX = 0, Output is connect to VOL
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL55141IRZ (No longer
available or supported)
55 141IRZ
-40 to +85
16 Ld QFN
L16.4X4A
ISL55141IVZ (No longer
available or supported)
55141 IVZ
-40 to +85
14 Ld TSSOP
M14.173
ISL55142IRZ (No longer
available or supported)
55142 IRZ
-40 to +85
20 Ld QFN
L20.5x5
ISL55142IVZ (No longer
available or supported)
55142 IVZ
-40 to +85
20 Ld TSSOP
M20.173
ISL55143IRZ
55143 IRZ
-40 to +85
36 Ld TQFN
L36.6X6
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL55141, ISL55142, ISL55143. For more information on MSL
please see techbrief TB363.
ISL55141, ISL55142, ISL55143


Similar Part No. - ISL55142IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55142IRZ INTERSIL-ISL55142IRZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55142IRZ INTERSIL-ISL55142IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55142IRZ RENESAS-ISL55142IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Similar Description - ISL55142IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com