Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55100BIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL55100BIRZ
Description  Quad 18V Pin Electronics Driver/Window Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55100BIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL55100BIRZ Datasheet HTML 2Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 3Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 4Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 5Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 6Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 7Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 8Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 9Page - Intersil Corporation ISL55100BIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ISL55100B
6
FN6229.2
December 4, 2014
Submit Document Feedback
POWER SUPPLIES, DRIVER/RECEIVER STATIC CONDITIONS VEXT = VEE + 5.5V, EXTERNAL LOGIC POWER OPTION USED. (Note 11)
Positive Supply Current
ICC
VCC = VH = 12V, VEE = VL = -3V, VEXT =VEE
+ 5.5V, outputs unloaded
-35
50
mA
Negative Supply Current
IEE
VCC = VH = 12V, VEE = VL = -3V, VEXT =VEE
+ 5.5V, outputs unloaded
-50
-35
-
mA
VEXT Supply Current
IEXT
VCC = VH = 12, VEE = VL = -3V, VEXT =VEE +
5.5V, outputs unloaded
-25
40
mA
NOTES:
6. Lab characterization, room temp, Timing Parameters Matched Stimulus/Loads, Channel-to-Channel Skew < 500ps, 1ns Max by design.
7. Measured across 100pF/1k lump sum load + 15pF PCB/Scope Probe. Cap and Resistor Surface Mount/Stacked ~0.5” from Pin.
8. To Enable LOWSWING, connect LOWSWING to VEE and keep VH < VEE + 5. To disable LOWSWING, connect it to VCC.
9. When VEXT is connected to VEE (External Device Power not used) then the Minimum VCC - VEE is 12V. When VEXT is connected to an external 5.5V
supply, then the minimum VCC - VEE voltage is 9V. Recommended VEXT = 5.5V as referenced to VEE.
10. ICC and IEE values are based on static conditions and will increase with pattern rates. ICC and IEE reach 400mA to 500mA at maximum data rates
(provided sufficient device cooling is employed). These currents can be reduced by 1) Reducing the VCC - VEE operating voltage 2) Utilizing the VEXT
option.
11. When using VEXT = 5.5V, current requirements of the VEXT input can approach 100mA at maximum pattern rates.
12. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.When using VEXT = 5.5V, current requirements of the VEXT input can approach 100mA at maximum pattern rates.
13. Device temperature is closely tied to data-rates, driver loads and overall pin activity. Review “Power Dissipation Considerations” on page 9 for more
information.
Test Circuits and Waveforms
FIGURE 1. DRIVER SWITCHING TEST CIRCUIT
FIGURE 2. DRIVER PROPAGATION DELAY AND TRANSITION TIME MEASUREMENT POINTS
Electrical Specifications Test Conditions: VCC = 12V, VEE = -3V, VH = 6V, VL = 0V, Comp-High = 5V, Comp Low = 0V, VEXT = VEE and
LOWSWING = VCC, +25°C; Unless Otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
1kΩ
VO
DATA-
DRV EN+
DRV EN-
VH
VL
DOUT
DATA+
100pF
(Note 7)
VO
400mV
0V
tPDLH
VOH (VH)
VOL (VL)
50%
50%
tPDHL
DATA-
DATA+
tR
tF
DATA = 1
DATA = 0


Similar Part No. - ISL55100BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Renesas Technology Corp
ISL55100BIRZ RENESAS-ISL55100BIRZ Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results

Similar Description - ISL55100BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com