Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX29LV008T Datasheet(PDF) 6 Page - Macronix International

Part No. MX29LV008T
Description  8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 6 page
background image
6
P/N:PM0718
MX29LV008T/B
REV. 1.0, JUL. 31, 2001
AUTOMATIC PROGRAMMING
The MX29LV008T/B is byte programmable using the Au-
tomatic Programming algorithm. The Automatic Pro-
gramming algorithm makes the external system do not
need to have time out sequence nor to verify the data
programmed. The typical chip programming time at room
temperature of the MX29LV008T/B is less than 10 sec-
onds.
AUTOMATIC PROGRAMMING ALGORITHM
MXIC's Automatic Programming algorithm requires the
user to only write program set-up commands (including
2 unlock write cycle and A0H) and a program command
(program data and address). The device automatically
times the programming pulse width, provides the pro-
gram verification, and counts the number of sequences.
The device provides an unlock bypass mode with faster
programming. Only two write cycles are needed to pro-
gram a word or byte, instead of four. A status bit similar
to DATA polling and a status bit toggling between con-
secutive read cycles, provide feedback to the user as
to the status of the programming operation. Refer to write
operation status, table 7, for more information on these
status bits.
AUTOMATIC CHIP ERASE
The entire chip is bulk erased using 10 ms erase pulses
according to MXIC's Automatic Chip Erase algorithm.
Typical erasure at room temperature is accomplished in
less than 25 second. The Automatic Erase algorithm
automatically programs the entire array prior to electri-
cal erase. The timing and verification of electrical erase
are controlled internally within the device.
AUTOMATIC SECTOR ERASE
The MX29LV008T/B is sector(s) erasable using MXIC's
Auto Sector Erase algorithm. The Automatic Sector
Erase algorithm automatically programs the specified
sector(s) prior to electrical erase. The timing and verifi-
cation of electrical erase are controlled internally within
the device. An erase operation can erase one sector,
multiple sectors, or the entire device.
AUTOMATIC ERASE ALGORITHM
MXIC's Automatic Erase algorithm requires the user to
write commands to the command register using stan-
dard microprocessor write timings. The device will auto-
matically pre-program and verify the entire array. Then
the device automatically times the erase pulse width,
provides the erase verification, and counts the number
of sequences. A status bit toggling between consecu-
tive read cycles provides feedback to the user as to the
status of the erasing operation.
Register contents serve as inputs to an internal state-
machine which controls the erase and programming cir-
cuitry. During write cycles, the command register inter-
nally latches address and data needed for the program-
ming and erase operations. During a system write cycle,
addresses are latched on the falling edge, and data are
latched on the rising edge of WE or CE, whichever hap-
pens first.
MXIC's Flash technology combines years of EPROM
experience to produce the highest levels of quality, reli-
ability, and cost effectiveness. The MX29LV008T/B elec-
trically erases all bits simultaneously using Fowler-
Nordheim tunneling. The bytes are programmed by us-
ing the EPROM programming mechanism of hot elec-
tron injection.
During a program cycle, the state-machine will control
the program sequences and command register will not
respond to any command set. During a Sector Erase
cycle, the command register will only respond to Erase
Suspend command. After Erase Suspend is completed,
the device stays in read mode. After the state machine
has completed its task, it will allow the command regis-
ter to respond to its full command set.
AUTOMATIC SELECT
The auto select mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on Q7~Q0. This mode is
mainly adapted for programming equipment on the de-
vice to be programmed with its programming algorithm.
When programming by high voltage method, automatic
select mode requires VID (11.5V to 12.5V) on address
pin A9 and other address pin A6, A1 and A0 as referring
to Table 3. In addition, to access the automatic select
codes in-system, the host can issue the automatic se-




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX29LV065B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX29LV081B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV0818M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV008T8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV800BT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV800CT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29SL800CT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX28F160C3T16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV800T8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F81008M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl