Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX29LV008T Datasheet(PDF) 3 Page - Macronix International

Part No. MX29LV008T
Description  8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 
 3 page
background image
3
P/N:PM0718
MX29LV008T/B
REV. 1.0, JUL. 31, 2001
Table 1: MX29LV008T SECTOR ARCHITECTURE
Sector
Sector Size
Address range
Sector Address
A19 A18 A17 A16 A15 A14 A13
SA0
64Kbytes
00000h-0FFFFh
0000
X
X
X
SA1
64Kbytes
10000h-1FFFFh
0001
X
X
X
SA2
64Kbytes
20000h-2FFFFh
0010
X
X
X
SA3
64Kbytes
30000h-3FFFFh
0011
X
X
X
SA4
64Kbytes
40000h-4FFFFh
0100
X
X
X
SA5
64Kbytes
50000h-5FFFFh
0101
X
X
X
SA6
64Kbytes
60000h-6FFFFh
0110
X
X
X
SA7
64Kbytes
70000h-7FFFFh
0111
X
X
X
SA8
64Kbytes
80000h-8FFFFh
1000
X
X
X
SA9
64Kbytes
90000h-9FFFFh
1
0
0
1
X
X
X
SA10
64Kbytes
A0000h-AFFFFh
1
0
1
0
X
X
X
SA11
64Kbytes
B0000h-BFFFFh
1
0
1
1
X
X
X
SA12
64Kbytes
C0000h-CFFFFh
1
1
0
0
X
X
X
SA13
64Kbytes
D0000h-DFFFFh
1
1
0
1
X
X
X
SA14
64Kbytes
E0000h-EFFFFh
1
1
1
0
X
X
X
SA15
32Kbytes
F0000h-F7FFFh
1
1110
X
X
SA16
8Kbytes
F8000h-F9FFFh
111110
0
SA17
8Kbytes
FA000h-FBFFFh
111110
1
SA18
16kbytes
FC000h-FFFFFh
111111
X
BLOCK STRUCTURE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX29LV065B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX29LV081B8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV0818M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV008T8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV800BT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV800CT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29SL800CT8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX28F160C3T16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV800T8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F81008M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl