Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV008T Datasheet(PDF) 24 Page - Macronix International

Part # MX29LV008T
Description  8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV008T Datasheet(HTML) 24 Page - Macronix International

Back Button MX29LV008T Datasheet HTML 20Page - Macronix International MX29LV008T Datasheet HTML 21Page - Macronix International MX29LV008T Datasheet HTML 22Page - Macronix International MX29LV008T Datasheet HTML 23Page - Macronix International MX29LV008T Datasheet HTML 24Page - Macronix International MX29LV008T Datasheet HTML 25Page - Macronix International MX29LV008T Datasheet HTML 26Page - Macronix International MX29LV008T Datasheet HTML 27Page - Macronix International MX29LV008T Datasheet HTML 28Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
24
P/N:PM0718
MX29LV008T/B
REV. 1.0, JUL. 31, 2001
AC CHARACTERISTICS TA = 0oC to 70oC, VCC = 2.7V~3.6V
Table 10. Erase/Program Operations
29LV008T/B-70
29LV008T/B-90
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
UNIT
tWC
Write Cycle Time (Note 1)
70
90
ns
tAS
Address Setup Time
0
0
ns
tAH
Address Hold Time
45
45
ns
tDS
Data Setup Time
35
45
ns
tDH
Data Hold Time
0
0
ns
tOES
Output Enable Setup Time
0
0
ns
tGHWL
Read Recovery Time Before Write
0
0
ns
(OE High to WE Low)
tCS
CE Setup Time
0
0
ns
tCH
CE Hold Time
0
0
ns
tWP
Write Pulse Width
35
35
ns
tWPH
Write Pulse Width High
30
30
ns
tWHWH1
Programming Operation (Note 2)
9 (TYP.)
9 (TYP.)
us
tWHWH2
Sector Erase Operation (Note 2)
0.7(TYP.)
0.7(TYP.)
sec
tVCS
VCC Setup Time (Note 1)
50
50
us
tRB
Recovery Time from RY/BY
0
0
ns
tBUSY
Program/Erase Vaild to RY/BY Delay
90
90
ns
NOTES:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.


Similar Part No. - MX29LV008T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX29LV008CBTC-55Q ETC1-MX29LV008CBTC-55Q Datasheet
340Kb / 54P
   8M-IT(1Mx8)COMS SINGLE VOLTAGE
MX29LV008CBTC-55R ETC1-MX29LV008CBTC-55R Datasheet
340Kb / 54P
   8M-IT(1Mx8)COMS SINGLE VOLTAGE
MX29LV008CBTC-70 ETC1-MX29LV008CBTC-70 Datasheet
340Kb / 54P
   8M-IT(1Mx8)COMS SINGLE VOLTAGE
MX29LV008CBTC-70G ETC1-MX29LV008CBTC-70G Datasheet
340Kb / 54P
   8M-IT(1Mx8)COMS SINGLE VOLTAGE
MX29LV008CBTC-90 ETC1-MX29LV008CBTC-90 Datasheet
340Kb / 54P
   8M-IT(1Mx8)COMS SINGLE VOLTAGE
More results

Similar Description - MX29LV008T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX26LV008T MCNIX-MX26LV008T Datasheet
300Kb / 43P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV128D MCNIX-MX29LV128D Datasheet
886Kb / 73P
   128M-BIT [16M x 8/8M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com