Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX29LV004T Datasheet(PDF) 3 Page - Macronix International

Part No. MX29LV004T
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 
 3 page
background image
3
P/N:PM0732
MX29LV004T/B
REV. 1.1, SEP. 19, 2001
BLOCK STRUCTURE
Table 1: MX29LV004T SECTOR ARCHITECTURE
Sector
Sector Size
Address range
Sector Address
Byte Mode
Byte Mode (x8)
A18 A17
A16
A15
A14
A13
SA0
64Kbytes
00000-0FFFF
0
0
0
X
X
X
SA1
64Kbytes
10000-1FFFF
0
0
1
X
X
X
SA2
64Kbytes
20000-2FFFF
0
1
0
X
X
X
SA3
64Kbytes
30000-3FFFF
0
1
1
X
X
X
SA4
64Kbytes
40000-4FFFF
1
0
0
X
X
X
SA5
64Kbytes
50000-5FFFF
1
0
1
X
X
X
SA6
64Kbytes
60000-6FFFF
1
1
0
X
X
X
SA7
32Kbytes
70000-77FFF
1
1
1
0
X
X
SA8
8Kbytes
78000-79FFF
1
1
1
1
0
0
SA9
8Kbytes
7A000-7BFFF
1
1
1
1
0
1
SA10
16Kbytes
7C000-7FFFF
1
1
1
1
1
X
Sector
Sector Size
Address range
Sector Address
Byte Mode
Byte Mode (x8)
A18 A17
A16
A15
A14
A13
SA0
16Kbytes
00000-03FFF
0
0
0
0
0
X
SA1
8Kbytes
04000-05FFF
0
0
0
0
1
0
SA2
8Kbytes
06000-07FFF
0
0
0
0
1
1
SA3
32Kbytes
08000-0FFFF
0
0
0
1
X
X
SA4
64Kbytes
10000-1FFFF
0
0
1
X
X
X
SA5
64Kbytes
20000-2FFFF
0
1
0
X
X
X
SA6
64Kbytes
30000-3FFFF
0
1
1
X
X
X
SA7
64Kbytes
40000-4FFFF
1
0
0
X
X
X
SA8
64Kbytes
50000-5FFFF
1
0
1
X
X
X
SA9
64Kbytes
60000-6FFFF
1
1
0
X
X
X
SA10
64Kbytes
70000-7FFFF
1
1
1
X
X
X
Table 2: MX29LV004B SECTOR ARCHITECTURE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MX29LV401T4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29F040C4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV004CT4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV400CT4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV0404M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX29LV400T4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV004T4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX26LV0404M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY 1 2 3 4 5 MoreMacronix International
MX29F400CT4M-BIT [512Kx8/256Kx16] CMOS SINGLE VOLTAGE 5V ONLY BOOT SECTOR FLASH MEMORY 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl