Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR30MR05 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # FR30MR05
Description  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

FR30MR05 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  FR30MR05 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. FR30MR05 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. FR30MR05 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 800 V - 1000 V
IF = 30 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
FR30K(R)05
Unit
Repetitive peak reverse
voltage
VRRM
800
V
RMS reverse voltage
VRMS
560
V
FR30K05 thru FR30MR05
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Conditions
FR30M(R)05
1000
700
2. Reverse polarity (R): Stud is anode.
• Types from 800 V to 1000 V VRRM
Silicon Fast
Recovery Diode
DC blocking voltage
VDC
800
V
Continuous forward current
IF
30
A
Operating temperature
Tj
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
°C
Parameter
Symbol
FR30K(R)05
Unit
Diode forward voltage
1.0
25
μA
10
mA
Recovery Time
Maximum reverse recovery
time
TRR
500
nS
Thermal characteristics
Thermal resistance, junction
- case
RthJC
0.46
°C/W
0.46
IF=0.5 A, IR=1.0 A,
IRR= 0.25 A
VR = 800 V, Tj = 125 °C
V
1.0
25
10
500
VR = 800 V, Tj = 25 °C
IF = 30 A, Tj = 25 °C
TC ≤ 100 °C
Conditions
300
TC = 25 °C, tp = 8.3 ms
1000
30
Reverse current
IR
VF
FR30M(R)05
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
A
300
-55 to 150
www.genesicsemi.com/silicon-products/fast-recovery-rectifiers/
1


Similar Part No. - FR30MR05

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
FR30MR05 AMERICASEMI-FR30MR05 Datasheet
410Kb / 2P
   High Power- Fast Recovery Rectifiers
More results

Similar Description - FR30MR05

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com