Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29F001B-12 Datasheet(PDF) 11 Page - Macronix International

Part # 29F001B-12
Description  1M-BIT [128K x 8] CMOS FLASH MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

29F001B-12 Datasheet(HTML) 11 Page - Macronix International

Back Button 29F001B-12 Datasheet HTML 7Page - Macronix International 29F001B-12 Datasheet HTML 8Page - Macronix International 29F001B-12 Datasheet HTML 9Page - Macronix International 29F001B-12 Datasheet HTML 10Page - Macronix International 29F001B-12 Datasheet HTML 11Page - Macronix International 29F001B-12 Datasheet HTML 12Page - Macronix International 29F001B-12 Datasheet HTML 13Page - Macronix International 29F001B-12 Datasheet HTML 14Page - Macronix International 29F001B-12 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11
REV. 2.6, DEC. 29, 2003
P/N: PM0515
MX29F001T/B
Q5
Exceeded Timing Limits
Q5 will indicate if the program or erase time has exceeded
the specified limits(internal pulse count). Under these
conditions Q5 will produce a "1". This time-out condition
indicates that the program or erase cycle was not suc-
cessfully completed. Data Polling and Toggle Bit are the
only operating functions of the device under this condi-
tion.
If this time-out condition occurs during sector erase op-
eration, it is specifies that a particular sector is bad and
it may not be reused. However, other sectors are still
functional and may be used for the program or erase
operation. The device must be reset to use other sec-
tors. Write the Reset command sequence to the device,
and then execute program or erase command sequence.
This allows the system to continue to use the other ac-
tive sectors in the device.
If this time-out condition occurs during the chip erase
operation, it specifies that the entire chip is bad or com-
bination of sectors are bad.
If this time-out condition occurs during the byte program-
ming operation, it specifies that the entire sector con-
taining that byte is bad and this sector may not be re-
used, (other sectors are still functional and can be re-
used).
The time-out condition may also appear if a user tries to
program a non blank location without erasing. In this
case the device locks out and never completes the Au-
tomatic Algorithm operation. Hence, the system never
reads a valid data on Q7 bit and Q6 never stops toggling.
Once the Device has exceeded timing limits, the Q5 bit
will indicate a "1". Please note that this is not a device
failure condition since the device was incorrectly used.
Q3
Sector Erase Timer
After the completion of the initial sector erase command
sequence the sector erase time-out will begin. Q3 will
remain low until the time-out is complete. Data Polling
and Toggle Bit are valid after the initial sector erase com-
mand sequence.
If Data Polling or the Toggle Bit indicates the device has
been written with a valid erase command, Q3 may be
used to determine if the sector erase timer window is
still open. If Q3 is high ("1") the internally controlled
erase cycle has begun; attempts to write subsequent
commands to the device will be ignored until the erase
operation is completed as indicated by Data Polling or
Toggle Bit. If Q3 is low ("0"), the device will accept addi-
tional sector erase commands. To insure the command
has been accepted, the system software should check
the status of Q3 prior to and following each subsequent
sector erase command. If Q3 were high on the second
status check, the command may not have been accepted.
DATA PROTECTION
The MX29F001T/B is designed to offer protection against
accidental erasure or programming caused by spurious
system level signals that may exist during power transi-
tion. During power up the device automatically resets
the state machine in the Read mode. In addition, with its
control register architecture, alteration of the memory con-
tents only occurs after successful completion of spe-
cific command sequences. The device also incorporates
several features to prevent inadvertent write cycles re-
sulting from VCC power-up and power-down transition or
system noise.


Similar Part No. - 29F001B-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F002 STMICROELECTRONICS-29F002 Datasheet
189Kb / 22P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
logo
Advanced Micro Devices
29F002 AMD-29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Fujitsu Component Limit...
29F002 FUJITSU-29F002 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
logo
Macronix International
29F002B-12 MCNIX-29F002B-12 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
29F002B-55 MCNIX-29F002B-55 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - 29F001B-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
List of Unclassifed Man...
NX29F010 ETC1-NX29F010 Datasheet
378Kb / 25P
   1M-BIT (128K x 8-bit) CMOS, 5.0V Only ULTRA-FAST SECTORED FLASH MEMORY
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com