Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD4002BG-S14-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UCD4002BG-S14-T
Description  CMOS NOR Gates High-Voltage Types
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4002BG-S14-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UCD4002BG-S14-T Datasheet HTML 1Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 2Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 3Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 4Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UCD4002B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-873.b
ABSOLUTE MAXIMUM RATING (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ 20
V
Input Voltage
VIN
-0.5 ~ VCC +0.5
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
Power Dissipation(TA =55°C)
PD
500
mW
Storage Temperature
TSTG
-65 ~ + 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VDD
3
18
V
Operating Temperature
TOPR
-40
125
°C
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Input Voltage
VIH
VDD= 5V, VO=0.5V
3.5
V
VDD = 10V, VO=1.0V
7.0
VDD= 15V, VO=1.5V
11.0
Low-Level Input Voltage
VIL
VDD= 5V, VO=4.5V
1.5
V
VDD= 10V, VO=9.0V
3.0
VDD= 15V, VO=13.5V
4.0
High-Level Output Voltage
VOH
VDD= 5V, No Load
4.95
5
V
VDD= 10V, No Load
9.95
10
VDD= 15V, No Load
14.95
15
Low-Level Output Voltage
VOL
VDD= 5V, No Load
0
0.05
V
VDD= 10V, No Load
0
0.05
VDD= 15V, No Load
0
0.05
High-Level Output Current
(Note)
IOH
VDD= 5V, VO=4.6V
-0.51
-1.0
mA
VDD= 5V, VO=2.5V
-1.6
-3.2
VDD= 10V, VO=9.5V
-1.3
-2.6
VDD= 15V, VO=13.5V
-3.4
-6.8
Low-Level Output Current
(Note)
IOL
VDD= 5V, VO=0.4V
0.51
1
VDD= 10V, VO=0.5V
1.3
2.6
VDD= 15V, VO=1.5V
3.4
6.8
Input Leakage Current
II(LEAK)
VDD= 15V ,VIN = VDD or GND
±0.1
µA
Quiescent Supply Current
IDD
VDD= 5V, VIN = VDD or VSS, IOUT = 0
0.01
0.25
µA
VDD= 10V, VIN = VDD or VSS, IOUT = 0
0.01
0.5
VDD= 15V, VIN = VDD or VSS, IOUT = 0
0.01
1.0
VDD= 20V, VIN = VDD or VSS, IOUT = 0
0.02
5.0
Note: IOL and IOH are tested one output at a time


Similar Part No. - UCD4002BG-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002BG-S14-T UTC-UCD4002BG-S14-T Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
More results

Similar Description - UCD4002BG-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Texas Instruments
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com