Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F016MI-90 Datasheet(PDF) 9 Page - Macronix International

Part # MX29F016MI-90
Description  16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F016MI-90 Datasheet(HTML) 9 Page - Macronix International

Back Button MX29F016MI-90 Datasheet HTML 5Page - Macronix International MX29F016MI-90 Datasheet HTML 6Page - Macronix International MX29F016MI-90 Datasheet HTML 7Page - Macronix International MX29F016MI-90 Datasheet HTML 8Page - Macronix International MX29F016MI-90 Datasheet HTML 9Page - Macronix International MX29F016MI-90 Datasheet HTML 10Page - Macronix International MX29F016MI-90 Datasheet HTML 11Page - Macronix International MX29F016MI-90 Datasheet HTML 12Page - Macronix International MX29F016MI-90 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
P/N:PM0590
REV. 1.4, NOV. 21, 2002
MX29F016
SECTOR ERASE COMMANDS
The Automatic Sector Erase does not require the
device to be entirely pre-programmed prior to
executing the Automatic Set-up Sector Erase
command and Automatic Sector Erase command.
Upon executing the Automatic Sector Erase
command, the device will automatically program and
verify the sector(s) memory for an all-zero data
pattern. The system is not required to provide any
control or timing during these operations.
When the sector(s) is automatically verified to contain
an all-zero pattern, a self-timed sector erase and
verify begin.
The erase and verify operations are
complete when the data on Q7 is "1" and the data on
Q6 stops toggling for two consecutive read cycles, at
which time the device returns to the Read mode. The
system is not required to provide any control or timing
during these operations.
When using the Automatic Sector Erase algorithm,
note that the erase automatically terminates when
adequate erase margin has been achieved for the
memory array (no erase verification command is
required). Sector erase is a six-bus cycle operation.
There are two "unlock" write cycles.
These are
followed by writing the set-up command 80H. Two
more "unlock" write cycles are then followed by the
sector erase command 30H. The sector address is
latched on the falling edge of WE, while the
command(data) is latched on the rising edge of WE.
Sector addresses selected are loaded into internal
register on the sixth falling edge of WE.
Each
successive sector load cycle started by the falling
edge of WE must begin within 80ms from the rising
edge of the preceding WE. Otherwise, the loading
period ends and internal auto sector erase cycle
starts. (Monitor Q3 to determine if the sector erase
timer window is still open, see section Q3, Sector
Erase Timer.) Any command other than Sector
Erase(30H) or Erase Suspend(B0H) during the time-
out period resets the device to read mode.
Status
Q7
Q6
Q5
Q3
Q2
Byte Program in Auto Program Algorithm
Q7
Toggle
0
0
1
Auto Erase Algorithm
0
Toggle
0
1
Toggle
Erase Suspend Read
1
1
0
0
Toggle
In Progress
(Erase Suspended Sector)
(Note1)
Erase Suspended Mode
Erase Suspend Read
Data
Data
Data
Data
Data
(Non-Erase Suspended Sector)
Erase Suspend Program
Q7
Toggle
0
0
1
(Non-Erase Suspended Sector)
(Note2)
(Note3)
Byte Program in Auto Program Algorithm
Q7
Toggle
1
0
1
Exceeded
Program/Erase in Auto Erase Algorithm
0
Toggle
1
1
N/A
Time Limits Erase Suspended Mode
Erase Suspend Program
Q7
Toggle
1
0
N/A
(Non-Erase Suspended Sector)
Table 4. Write Operation Status
Notes:
1.Performing successive read operations from the erase-suspended sector will cause Q2 to toggle.
2.Performing successive read operations from any address will cause Q6 to toggle.
3.Reading the byte address being programmed while in the erase-suspend program mode will indicate logic "1" at the Q2 bit.
However, successive reads from the erase-suspended sector will cause Q2 to toggle.


Similar Part No. - MX29F016MI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F016MI-90

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
   64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com