Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27L1000PI-25 Datasheet(PDF) 1 Page - Macronix International

Part # MX27L1000PI-25
Description  1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27L1000PI-25 Datasheet(HTML) 1 Page - Macronix International

  MX27L1000PI-25 Datasheet HTML 1Page - Macronix International MX27L1000PI-25 Datasheet HTML 2Page - Macronix International MX27L1000PI-25 Datasheet HTML 3Page - Macronix International MX27L1000PI-25 Datasheet HTML 4Page - Macronix International MX27L1000PI-25 Datasheet HTML 5Page - Macronix International MX27L1000PI-25 Datasheet HTML 6Page - Macronix International MX27L1000PI-25 Datasheet HTML 7Page - Macronix International MX27L1000PI-25 Datasheet HTML 8Page - Macronix International MX27L1000PI-25 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SYMBOL
PIN NAME
A0~A16
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
PGM
Programmable Enable Input
VPP
Program Supply Voltage
NC
No Internal Connection
VCC
Power Supply Pin
GND
Ground Pin
may be used. The MX27L1000 supports a intelligent fast
programming algorithm which can result in programming
time of less than thirty seconds.
This EPROM is packaged in industry standard 32 pin
dual-in-line packages,32 lead SOP , 32 lead PLCC, and
32 lead TSOP packages.
FEATURES
128K x 8 organization
Wide power supply range, 2.7V DC to 3.6VDC
+12.5V programming voltage
Fast access time:90/120/150/200/250 ns
Totally static operation
Completely TTL compatible
PIN CONFIGURATIONS
32 PDIP/SOP
Operating current: 20mA @3.6V, 5MHz
Standby current: 10uA
Package type:
- 32 pin plastic DIP
- 32 pin SOP
- 32 pin TSOP
- 32 pin PLCC
P/N: PM0238
1
REV. 3.8, AUG. 26, 2003
GENERAL DESCRIPTION
The MX27L1000 is a 1M-bit, One Time Programmable
Read Only Memory. It isorganized as 128K words by 8
bits per word, opeates from a single 2.7 to 3.6 volt supply,
has a static standby mode, and features fast single
address location programming. All programming signals
are TTL levels, requirin a single pulse. For programming
outside from the system, existing EPROM programmers
32 PLCC
32 TSOP
BLOCK DIAGRAM
PIN DESCRIPTION
MX27L1000
1M-BIT [128Kx8] LOW VOLTAGE OPERATION
CMOS EPROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
PGM
NC
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX27L1000
A11
A9
A8
A13
A14
NC
PGM
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX27L1000
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q17
CE
PGM
OE
A0~A16
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
1M BIT
CELL
MAXTRIX
VCC
GND
VPP
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.


Similar Part No. - MX27L1000PI-25

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L2000 MCNIX-MX27L2000 Datasheet
1Mb / 18P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-12 MCNIX-MX27L2000DC-12 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-15 MCNIX-MX27L2000DC-15 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-20 MCNIX-MX27L2000DC-20 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
MX27L2000DC-25 MCNIX-MX27L2000DC-25 Datasheet
101Kb / 14P
   2M-BIT [256Kx8] CMOS EPROM
More results

Similar Description - MX27L1000PI-25

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L256 MCNIX-MX27L256 Datasheet
761Kb / 14P
   256K-BIT [32Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX27L4000 MCNIX-MX27L4000 Datasheet
955Kb / 15P
   4M-BIT [512K x8] LOW VOLTAGE OPERATION CMOS EPROM
MX29F100T MCNIX-MX29F100T Datasheet
706Kb / 47P
   1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY
MX27C8000 MCNIX-MX27C8000_97 Datasheet
92Kb / 13P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000 MCNIX-MX27C8000 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C8000A MCNIX-MX27C8000A Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Samsung semiconductor
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com