Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C2000QC-10 Datasheet(PDF) 7 Page - Macronix International

Part # MX27C2000QC-10
Description  2M-BIT [256K x 8] CMOS EPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000QC-10 Datasheet(HTML) 7 Page - Macronix International

Back Button MX27C2000QC-10 Datasheet HTML 3Page - Macronix International MX27C2000QC-10 Datasheet HTML 4Page - Macronix International MX27C2000QC-10 Datasheet HTML 5Page - Macronix International MX27C2000QC-10 Datasheet HTML 6Page - Macronix International MX27C2000QC-10 Datasheet HTML 7Page - Macronix International MX27C2000QC-10 Datasheet HTML 8Page - Macronix International MX27C2000QC-10 Datasheet HTML 9Page - Macronix International MX27C2000QC-10 Datasheet HTML 10Page - Macronix International MX27C2000QC-10 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
REV. 4.2, AUG. 26, 2003
P/N: PM0157
MX27C2000
AC CHARACTERISTICS
27C2000-90
27C2000-10
27C2000-12
27C2000-15
Symbol PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX. Unit
Conditions
tACC
Address to Output Delay
90
100
120
150
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
90
100
120
150
ns
OE = VIL
tOE
Output Enable to Output Delay
40
45
50
65
ns
CE = VIL
tDF
OE High to Output Float,
0
25
0
30
0
35
0
50
ns
or CE High to Output Float
tOH
Output Hold from Address,CE or 0
0
0
0
ns
OE which ever occurred first
27C2000-35
27C2000-45
27C2000-55
27C2000-70
Symbol PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN. MAX.
Unit
Conditions
tACC
Address to Output Delay
35
45
55
70
ns
CE = OE = VIL
tCE
Chip Enable to Output Delay
35
45
55
70
ns
OE = VIL
tOE
Output Enable to Output Delay
15
20
25
30
ns
CE = VIL
tDF
OE High to Output Float,
0
15
0
15
0
20
0
20
ns
or CE High to Output Float
tOH
Output Hold from Address,CE or
0
0
0
0
ns
OE which ever occurred first


Similar Part No. - MX27C2000QC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-10 MCNIX-MX27C2000AMC-10 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-12 MCNIX-MX27C2000AMC-12 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-15 MCNIX-MX27C2000AMC-15 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX27C2000AMC-90 MCNIX-MX27C2000AMC-90 Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2000QC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
   2M-BIT [256K x 8] CMOS EPROM
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
   2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
   256K-BIT [32K x 8] CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
   256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com