Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJDLC05C-03 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJDLC05C-03
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05C-03 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJDLC05C-03_13 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05C-03_13 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05C-03_13 Datasheet HTML 3Page - Pan Jit International Inc. PJDLC05C-03_13 Datasheet HTML 4Page - Pan Jit International Inc. PJDLC05C-03_13 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
September 4,2013-REV.06
PJDLC05C-03
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
02
46
Reverse Bias Voltage V V
,
R
0
2
4
6
8
10
12
14
16
6
8
10
12
14
16
18
20
22
Clamping Voltage V V
,
C
.1
Fig
TYPICAL CAPACITANCE
.1
Fig
TYPICAL CAPACITANCE
Fig
PULSE WAVE FORM
.2
Fig
PULSE WAVE FORM
.2
Fig
PULSE WAVE FORM
.3
Fig
PULSE WAVE FORM
.3
Rise time 10-90% - 8 s
m
50% of Ipp @20 s
m


Similar Part No. - PJDLC05C-03_13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
More results

Similar Description - PJDLC05C-03_13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05_15 Datasheet
129Kb / 6P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-02 PANJIT-PJDLC05C-02_15 Datasheet
74Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC03 PANJIT-PJDLC03 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05W PANJIT-PJDLC05W Datasheet
113Kb / 2P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-05 PANJIT-PJDLC05C-05 Datasheet
88Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com