Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJDLC05C-02 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJDLC05C-02
Description  ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLC05C-02 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJDLC05C-02_15 Datasheet HTML 1Page - Pan Jit International Inc. PJDLC05C-02_15 Datasheet HTML 2Page - Pan Jit International Inc. PJDLC05C-02_15 Datasheet HTML 3Page - Pan Jit International Inc. PJDLC05C-02_15 Datasheet HTML 4Page - Pan Jit International Inc. PJDLC05C-02_15 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 18,2015-REV.03
PJDLC05C-02
Fig.21
FEATURES
• Maximum capacitance @ 0 Vdc Bias of 1 pF between terminals 1-3 or
terminals 2-3
• IEC61000-4-2 esd 15kV Air, 8kV contact compliance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
VOLTAGE
POWER
5 Volt
200 Watt
MECHANICAL DATA
• Case: SOT-23, plastic
• Terminals: solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounce, 0.0084 gram
• Marking: DAA
ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
SUPPRESSOR FOR HIGH SPEED DATA LINES
This transient overvoltage suppressor is intended to protect sensitive
equipment against electrostatic discharge events as well to offer a
minimum insertion loss in data transmission lines in communications ports
used in portable consumer, computing and networking applications. This
dual transient voltage suppressor comes in a single SOT-23, offering board
space reduction, where the application requires it.
This device comes with two pairs of high speed switching diodes connected
in series, where both pairs are electrically isolated, offering a very low
capacitance, minimizing the insertion losses in data transmission lines.
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNITS
O p er ati ng J unc ti on
TJ
-55 to +150
OC
S tor age Te m p e r at ur e Ra ng e
TSTG
-55 to +150
OC
PARAMETER
SYMBOL
CONDITIONS
Min.
Typ.
Max.
UNITS
Reverse Stand-Off Voltage
V
RWM
--
-
5
V
Reverse Breakdown Voltage
V
BR
I
T=1mA
6
-
-
V
Reverse Leakage Current
I
R
V
RWM = 5V,
T = 25OC
--
20
μA
Junction Capacitance
C
J
Between pin1.2 to 3
V
R=0V,f=1MHz
--
1
pF
Peak Pulse Current
I
PP
t
P=8/20 μsec
-
-
10
A
Max Clamping Voltage
V
C
t
P=8/20 μsec
-
-
20.5
V
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - PJDLC05C-02_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
More results

Similar Description - PJDLC05C-02_15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05_15 Datasheet
129Kb / 6P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC05C-03 PANJIT-PJDLC05C-03_13 Datasheet
85Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Shanghai Shunye Electro...
PJDLC05 SHUNYE-PJDLC05 Datasheet
2Mb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
logo
Pan Jit International I...
PJDLC05C-05 PANJIT-PJDLC05C-05_15 Datasheet
79Kb / 5P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE
PJDLC03 PANJIT-PJDLC03 Datasheet
111Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05W PANJIT-PJDLC05W Datasheet
113Kb / 2P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-03 PANJIT-PJDLC05C-03 Datasheet
87Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-02 PANJIT-PJDLC05C-02 Datasheet
82Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC05C-05 PANJIT-PJDLC05C-05 Datasheet
88Kb / 3P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR
PJDLC24 PANJIT-PJDLC24 Datasheet
934Kb / 4P
   ULTRA LOW CAPACITANCE DUAL TRANSIET VOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com