Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F016TC-12 Datasheet(PDF) 1 Page - Macronix International

Part # MX29F016TC-12
Description  16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F016TC-12 Datasheet(HTML) 1 Page - Macronix International

  MX29F016TC-12 Datasheet HTML 1Page - Macronix International MX29F016TC-12 Datasheet HTML 2Page - Macronix International MX29F016TC-12 Datasheet HTML 3Page - Macronix International MX29F016TC-12 Datasheet HTML 4Page - Macronix International MX29F016TC-12 Datasheet HTML 5Page - Macronix International MX29F016TC-12 Datasheet HTML 6Page - Macronix International MX29F016TC-12 Datasheet HTML 7Page - Macronix International MX29F016TC-12 Datasheet HTML 8Page - Macronix International MX29F016TC-12 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
FEATURES
• Single power supply 5V operation for read, erase and
program
• Fast access time: 90/120ns
• Low power consumption
- 30mA maximum active current
- 0.2uA typical standby current
• Command register architecture
- Byte Programming (7us typical)
- Sector Erase:32 equal sector with of 64KByte each
• Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors
with Erase Suspend capability.
- Automatically program and verify data at specified
address
• Erase suspend/Erase Resume
- Suspends an erase operation to read data from,
or program data to, another sector that is not being
erased, then resumes the erase.
during erase and programming, while maintaining
maximum EPROM compatibility.
MXIC Flash technology reliably stores memory
contents even after 100,000 erase and program
cycles. The MXIC cell is designed to optimize the
erase and program mechanisms. In addition, the
combination of advanced tunnel oxide processing
and low internal electric fields for erase and
programming operations produces reliable cycling.
The MX29F016 uses a 5.0V±10% VCC supply to
perform the High Reliability Erase and auto
Program/Erase algorithms.
The highest degree of latch-up protection is
achieved with MXIC's proprietary non-epi process.
Latch-up protection is proved for stresses up to
100 milliamps on address and data pin from -1V to
VCC + 1V.
GENERAL DESCRIPTION
The MX29F016 is a 16-mega bit Flash memory organized
as 2M bytes of 8 bits. MXIC's Flash memories offer the
most cost-effective and reliable read/write non-volatile
random access memory. The MX29F016 is packaged in
40-pin TSOP or 44-pin SOP, 48-pin TSOP. It is designed
to be reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX29F016 offers access time as fast as
90ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX29F016 has separate chip enable (CE) and output
enable (OE ) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29F016 uses a command register to manage this
functionality. The command register allows for 100%
TTL level control inputs and fixed power supply levels
• Status Reply
- Data polling & Toggle bit for detection of program
and erase cycle completion.
• Group Sector protect/unprotect for 5V/12V system.
• Group Sector protection
- Hardware sector protect/unprotect method for each
group which consists of two adjacent sectors
- Temporary group sector unprotect allows code
changes in previously locked sectors
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Low VCC write inhibit is equal to or less than 3.2V
• Package type:
- 40-pin TSOP, 44-pin SOP, 48-pin TSOP
• Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash
1
P/N:PM0590
REV. 1.4, NOV. 21, 2002
MX29F016
16M-BIT[2MX8]CMOSEQUALSECTORFLASHMEMORY


Similar Part No. - MX29F016TC-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F016TC-12

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
   64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Macronix International
MX29LV640BU MCNIX-MX29LV640BU Datasheet
492Kb / 64P
   64M-BIT [4M x 16] CMOS EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com