Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29F002TTC-90 Datasheet(PDF) 2 Page - Macronix International

Part # MX29F002TTC-90
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F002TTC-90 Datasheet(HTML) 2 Page - Macronix International

  MX29F002TTC-90 Datasheet HTML 1Page - Macronix International MX29F002TTC-90 Datasheet HTML 2Page - Macronix International MX29F002TTC-90 Datasheet HTML 3Page - Macronix International MX29F002TTC-90 Datasheet HTML 4Page - Macronix International MX29F002TTC-90 Datasheet HTML 5Page - Macronix International MX29F002TTC-90 Datasheet HTML 6Page - Macronix International MX29F002TTC-90 Datasheet HTML 7Page - Macronix International MX29F002TTC-90 Datasheet HTML 8Page - Macronix International MX29F002TTC-90 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
REV. 1.5, MAR. 28, 2005
P/N: PM0547
MX29F002/002N T/B
PIN CONFIGURATIONS
32 PDIP
SECTOR STRUCTURE
32 PLCC
32 TSOP (TYPE 1)
(NORMAL TYPE)
PIN DESCRIPTION
SYMBOL
PIN NAME
A0~A17
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
WE
Write Enable Input
RESET
Hardware Reset Pin/Sector Protect Unlock
OE
Output Enable Input
VCC
Power Supply Pin (+5V)
GND
Ground Pin
MX29F002T Sector Architecture
MX29F002B Sector Architecture
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RESET
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
A17
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
NC on MX29F002NT/B
A11
A9
A8
A13
A14
A17
WE
VCC
RESET
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX29F002T/B
(NC on MX29F002NT/B)
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX29F002T/B
NC on MX29F002NT/B
16
K-BYTE
8
K-BYTE
8
K-BYTE
32
K-BYTE
00000H
3FFFFH
(BOO T
SECT OR)
64
K-BYTE
64
K-BYTE
64
K-BYTE
3BFFFH
39FFFH
37FFFH
2FFFFH
1FFFFH
0FFFFH
A17~A0
16
K-BYTE
8
K-BYTE
8
K-BYTE
32
K-BYTE
00000H
(BOOT
SECTOR)
64
K-BYTE
64
K-BYTE
64
K-BYTE
3FFFFH
2FFFFH
1FFFFH
07FFFH
05FFFH
03FFFH
0FFFFH
A17~A0


Similar Part No. - MX29F002TTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F002TTC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com