Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC563 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC563
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC563 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC563_15 Datasheet HTML 1Page - Unisonic Technologies U74LVC563_15 Datasheet HTML 2Page - Unisonic Technologies U74LVC563_15 Datasheet HTML 3Page - Unisonic Technologies U74LVC563_15 Datasheet HTML 4Page - Unisonic Technologies U74LVC563_15 Datasheet HTML 5Page - Unisonic Technologies U74LVC563_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC563
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-681.A
OCTAL TRANSPARENT D-TYPE
LATCHES WITH 3-STATE OUTPUTS
DESCRIPTION
The U74LVC563 is a octal transparent D-TYPE latches with 3-state
outputs. When the latch-enable (LE) is high, the Q outputs follow the
complements of the D inputs. When LE is low, the Q outputs are latched at
the inverses of the levels set up at the D inputs.
When the output-enable ( OE ) input is high, the Q outputs are in a
high-impedance state, and the outputs neither load nor drive the bus lines.
The high-impedance state and increased drive provide the capability to drive
bus lines without interface or pull-up components. While the outputs are in
the high-impedance state, old data can be retained or new data can be
entered, i.e. OE does not affect the internal operations of the latches. When
OE is low, the Q outputs are in a normal logic state (high or low levels).
The U74LVC563 is designed for 1.65V to 3.6V operation. Inputs can be
driven from either 3.3V or 5V devices, so the U74LVC563 can be used in a
mixed 3.3V/5V system environment.
To ensure the high-impedance state during power up or power down,
OE
should be tied to VCC through a pull-up resistor; the minimum value of
the resistor is determined by the current-sinking capability of the driver.
FEATURES
* Wide supply voltage range from 1.65V to 3.6V
* Max tPD of 6.8 ns from D to Q at 3.3V
* Max tPD of 7.6 ns from LE to Q at 3.3V
* Up to 5.5V inputs accept voltages
* Low power consumption, ICC = 10μA (Max.) at 3.6V
* ±24mA output driver at 3V
* IOFF supports partial-power-down mode operation
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC563L-P20-R
U74LVC563G-P20-R
TSSOP-20
Tape Reel
U74LVC563L-P20-T
U74LVC563G-P20-T
TSSOP-20
Tube


Similar Part No. - U74LVC563_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC563L-P20-R UTC-U74LVC563L-P20-R Datasheet
224Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74LVC563L-P20-T UTC-U74LVC563L-P20-T Datasheet
224Kb / 6P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - U74LVC563_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com