Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX28F2000PTC-90C4 Datasheet(PDF) 4 Page - Macronix International

Part # MX28F2000PTC-90C4
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000PTC-90C4 Datasheet(HTML) 4 Page - Macronix International

  MX28F2000PTC-90C4 Datasheet HTML 1Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 2Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 3Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 4Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 5Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 6Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 7Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 8Page - Macronix International MX28F2000PTC-90C4 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
P/N: PM0380
REV. 1.5, OCT 29, 1998
MX28F2000P
BLOCK DIAGRAM
CONTROL
INPUT
LOGIC
PROGRAM/ERASE
HIGH VOLTAGE
MODE
LOGIC
STATE
REGISTER
MX28F2000P
FLASH
ARRAY
ADDRESS
LATCH
AND
BUFFER
Y-PASS GATE
ARRAY
SOURCE
HV
COMMAND
DATA
DECODER
COMMAND
DATA LATCH
I/O BUFFER
PGM
DATA
HV
PROGRAM
DATA LATCH
SENSE
AMPLIFIER
Q0-Q7
A0-A17
CE
OE
WE


Similar Part No. - MX28F2000PTC-90C4

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TPC-12C4 MCNIX-MX28F2000TPC-12C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TPC-90C4 MCNIX-MX28F2000TPC-90C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TQC-12C4 MCNIX-MX28F2000TQC-12C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TQC-90C4 MCNIX-MX28F2000TQC-90C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F2000PTC-90C4

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com