Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74LVC02AG-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC02AG-S14-R
Description  QUAD 2-INPUT POSITIVE-NOR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC02AG-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC02AG-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC02AG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC02A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-992.B
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH=-100 μA, VCC=1.65V~3.6V
VCC -0.2
V
IOH=-4 mA, VCC=1.65V
1.2
IOH=-8 mA, VCC=2.3V
1.7
IOH=-12 mA, VCC=2.7V
2.2
IOH=-12 mA, VCC=3V
2.4
IOH=-24 mA, VCC=3V
2.2
Low-Level Output Voltage
VOL
IOL=100 μA, VCC=1.65V~3.6V
0.2
V
IOL=4 mA, VCC=1.65V
0.45
IOL=8 mA, VCC=2.3V
0.7
IOL=12 mA, VCC=2.7V
0.4
IOL=24 mA, VCC=3V
0.55
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=0~3.6V
±5
μA
Quiescent Supply Current
ICC
VIN= VCC or GND, IOUT = 0
10
μA
Additional quiescent Supply
Current
 ICC
One input at VCC-0.6V; other inputs at
VCC or GND
500
μA
Input Capacitance (Note)
CIN
VIN = VCC or GND, VCC=3.3V
5
pF
Note: All typical values are at VCC = 3.3 V, TA = 25 °C.
SWITCHING CHARACTERISTICS TA =25°C , unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from
input
(A or B) to output (Y)
tPLH/tPHL
VCC=1.8V, CL=30pF, RL=1KΩ
13.4
ns
VCC=2.5±0.2V, CL=30pF, RL=500Ω
1
7.4
VCC=2.7V, CL=50pF, RL=500Ω
5.4
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1
4.4
Skew between any two
outputs of the same
package switching in the
same direction
tsk(o)
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1
ns
OPERATING CHARACTERISTICS TA =25°C , unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power dissipation
capacitance per gate
CPD
f=10MHz
VCC=1.8V
7.5
pF
VCC=2.5V
8.5
VCC=3.3V
9.5


Similar Part No. - U74LVC02AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC02AG-S14-R UTC-U74LVC02AG-S14-R Datasheet
175Kb / 5P
   QUAD 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - U74LVC02AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC02A UTC-U74LVC02A Datasheet
175Kb / 5P
   QUAD 2-INPUT POSITIVE-NOR GATE
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com