Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX28F2000PQC-12C4 Datasheet(PDF) 1 Page - Macronix International

Part # MX28F2000PQC-12C4
Description  2M-BIT [256K x 8] CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX28F2000PQC-12C4 Datasheet(HTML) 1 Page - Macronix International

  MX28F2000PQC-12C4 Datasheet HTML 1Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 2Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 3Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 4Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 5Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 6Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 7Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 8Page - Macronix International MX28F2000PQC-12C4 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FEATURES
• 262,144 bytes by 8-bit organization
• Fast access time: 70/90/120 ns
• Low power consumption
– 50mA maximum active current
– 100uA maximum standby current
• Programming and erasing voltage 12V ± 5%
• Command register architecture
– Byte Programming (15us typical)
– Auto chip erase 5 seconds typical
(including preprogramming time)
– Block Erase
• Optimized high density blocked architecture
– Four 4-KB blocks (Top)
– Fourteen 16-KB blocks
– Four 4-KB blocks (Bottom)
1
P/N: PM0380
• Auto Erase (chip & block) and Auto Program
– DATA polling
– Toggle bit
• 10,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1 to VCC+1V
• Advanced CMOS Flash memory technology
• Compatible with JEDEC-standard byte-wide 32-pin
EPROM pinouts
• Package type:
– 32-pin plastic DIP
– 32-pin PLCC
– 32-pin TSOP (Type 1)
REV. 1.5, OCT 29, 1998
GENERAL DESCRIPTION
The MX28F2000P is a 2-mega bit Flash memory or-
ganized as 256K bytes of 8 bits each. MXIC's Flash
memories offer the most cost-effective and reliable
read/write non-volatile random access memory. The
MX28F2000P is packaged in 32-pin PDIP, PLCC
and TSOP. It is designed to be reprogrammed and
erased in-system or in-standard EPROM program-
mers.
The standard MX28F2000P offers access times as
fast as 70 ns, allowing operation of high-speed
microprocessors without wait states.
To eliminate
bus contention, the MX28F2000P has separate chip
enable (CE) and output enable (OE ) controls.
MXIC's Flash memories augment EPROM function-
ality
with
in-circuit
electrical
erasure
and
programming. The MX28F2000P uses a command
register to manage this functionality, while
maintaining a standard 32-pin pinout.
The
command register allows for 100% TTL level control
inputs and fixed power supply levels during erase
and programming, while maintaining maximum
EPROM compatibility.
MXIC Flash technology reliably stores memory con-
tents even after 10,000 erase and program cycles.
The MXIC cell is designed to optimize the erase and
programming mechanisms.
In addition, the combi-
nation of advanced tunnel oxide processing and low
internal electric fields for erase and programming
operations produces reliable cycling.
The
MX28F2000P
uses a 12.0V ± 5% VPP supply to
perform the Auto Program/Erase algorithms.
The highest degree of latch-up protection is
achieved with MXIC's proprietary non-epi process.
Latch-up protection is proved for stresses up to 100
milliamps on address and data pin from -1V to VCC
+ 1V.
MX28F2000P
2M-BIT [256K x 8] CMOS FLASH MEMORY


Similar Part No. - MX28F2000PQC-12C4

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TPC-12C4 MCNIX-MX28F2000TPC-12C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TPC-90C4 MCNIX-MX28F2000TPC-90C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TQC-12C4 MCNIX-MX28F2000TQC-12C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000TQC-90C4 MCNIX-MX28F2000TQC-90C4 Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX28F2000PQC-12C4

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX29LV002CT MCNIX-MX29LV002CT Datasheet
512Kb / 58P
   2M-BIT [256K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com