Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX27C1024MC-10 Datasheet(PDF) 3 Page - Macronix International

Part # MX27C1024MC-10
Description  1M-BIT [128K x 8/64K x 16] CMOS EPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C1024MC-10 Datasheet(HTML) 3 Page - Macronix International

  MX27C1024MC-10 Datasheet HTML 1Page - Macronix International MX27C1024MC-10 Datasheet HTML 2Page - Macronix International MX27C1024MC-10 Datasheet HTML 3Page - Macronix International MX27C1024MC-10 Datasheet HTML 4Page - Macronix International MX27C1024MC-10 Datasheet HTML 5Page - Macronix International MX27C1024MC-10 Datasheet HTML 6Page - Macronix International MX27C1024MC-10 Datasheet HTML 7Page - Macronix International MX27C1024MC-10 Datasheet HTML 8Page - Macronix International MX27C1024MC-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
REV. 4.6, JAN. 14, 2003
P/N: PM0156
MX27C1100/27C1024
TRUTH TABLE OF BYTE FUNCTION(MX27C1100)
BYTE MODE(BYTE = GND)
CE
OE
Q15/A-1
MODE
Q0-Q7
SUPPLY CURRENT
H
X
X
Non selected
High Z
Standby(ICC2)
L
H
X
Non selected
High Z
Operating(ICC1)
L
L
A-1 input
Selected
DOUT
Operating(ICC1)
WORD MODE(BYTE = VCC)
CE
OE
Q15/A-1
MODE
Q0-Q14
SUPPLY CURRENT
H
X
High Z
Non selected
High Z
Standby(ICC2)
L
H
High Z
Non selected
High Z
Operating(ICC1)
L
L
DOUT
Selected
DOUT
Operating(ICC1)
NOTE : X = H or L
SYMBOL
PIN NAME
A0~A15
Address Input
Q0~Q14
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
BYTE/VPP
Word/Byte Selection
/Program Supply Voltage
Q15/A-1
Q15(Word mode)/LSB addr. (Byte mode)
VCC
Power Supply Pin (+5V)
GND
Ground Pin
PIN DESCRIPTION(MX27C1100)
PIN DESCRIPTION(MX27C1024)
SYMBOL
PIN NAME
A0~A15
Address Input
Q0~Q15
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
PGM
Program Enable Input
VPP
Program Supply Voltage
VCC
Power Supply Pin (+5V)
GND
Ground Pin


Similar Part No. - MX27C1024MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000 MCNIX-MX27C1000 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-10 MCNIX-MX27C1000AMC-10 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000AMC-12 MCNIX-MX27C1000AMC-12 Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
More results

Similar Description - MX27C1024MC-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX26C1000A MCNIX-MX26C1000A Datasheet
87Kb / 16P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX26C1000B MCNIX-MX26C1000B Datasheet
1,016Kb / 23P
   1M-BIT [128K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com